Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAM-011132-TR1000 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011132-TR1000
Description  Driver Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011132-TR1000 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAAM-011132-TR1000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-011132-TR1000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-011132-TR1000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-011132-TR1000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-011132-TR1000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Driver Amplifier
17.7 - 23.6 GHz
Rev. V2
MAAM-011132
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance Curves: VD1,2 = 4 V, ID1 = ID2 = 90 mA
S-Parameters vs. Frequency
Output P1dB vs. Frequency
Output IP3 vs. Frequency
Output / Input IP3 vs. Frequency
Noise Figure vs. Frequency
0
1
2
3
4
15
17
19
21
23
25
+25°C
+85°C
Frequency (GHz)
-30
-20
-10
0
10
20
30
15
17
19
21
23
25
S21
S11
S22
Frequency (GHz)
0
10
20
30
40
15
17
19
21
23
25
OIP3
IIP3
Frequency (GHz)
10
15
20
25
30
15
17
19
21
23
25
+25°C
-40°C
+85°C
Frequency (GHz)
20
25
30
35
40
15
17
19
21
23
25
+25°C
-40°C
+85°C
Frequency (GHz)


Similar Part No. - MAAM-011132-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011132 MA-COM-MAAM-011132 Datasheet
652Kb / 4P
   Driver Amplifier
More results

Similar Description - MAAM-011132-TR1000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010513 MA-COM-MAAM-010513 Datasheet
1,007Kb / 6P
   Amplifier, Driver
MAAM-011132 MA-COM-MAAM-011132 Datasheet
652Kb / 4P
   Driver Amplifier
MAAM-011139 MA-COM-MAAM-011139_16 Datasheet
655Kb / 5P
   Driver Amplifier
MAAM-011139 MA-COM-MAAM-011139_15 Datasheet
675Kb / 4P
   Driver Amplifier
MAAM-011139 MA-COM-MAAM-011139 Datasheet
675Kb / 4P
   Driver Amplifier
MAAM-010513 MA-COM-MAAM-010513_15 Datasheet
1,007Kb / 6P
   Amplifier, Driver
MAAM-009560 MA-COM-MAAM-009560_15 Datasheet
889Kb / 5P
   RF Driver Amplifier
logo
Analog Devices
ADL5606 AD-ADL5606_17 Datasheet
611Kb / 18P
   RF Driver Amplifier
logo
M/A-COM Technology Solu...
MAAM-009560-V1 MA-COM-MAAM-009560-V1 Datasheet
235Kb / 4P
   RF Driver Amplifier
MAAM-010617 MA-COM-MAAM-010617 Datasheet
418Kb / 7P
   RF Driver Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com