Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-010516-001SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-010516-001SMB
Description  3 W Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-010516-001SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAP-010516-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-010516-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-010516-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-010516-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-010516-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-010516-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-010516-001SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-010516-001SMB Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-010516-001SMB Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
3 W Power Amplifier
12.7 - 13.3 GHz
Rev. V1
MAAP-010516
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Ordering Information1
Part Number
Package
MAAP-010516-000000
bulk quantity
MAAP-010516-TR0500
500 piece reel
MAAP-010516-001SMB
evaluation module
1. Reference Application Note M513 for reel size information.
Features
 23 dB Small Signal Gain
 42 dBm Third Order Intercept Point (OIP3)
 >2.5 W Output P1dB
 Integrated Power Detector
 Bias 1200 mA @ 6 V
 Lead-Free 5 mm 24-lead QFN Package
 RoHS* Compliant and 260°C Reflow Compatible
Description
The MAAP-010516 is a packaged linear power
amplifier that operates from 12.7 - 13.3 GHz. The
device provides 23 dB gain and 42 dBm Output
Third Order Intercept Point (OIP3) with 34 dBm
output P1dB.
The packaged amplifier comes in an industry
standard, fully molded 5 mm QFN package and is
comprised of a three stage power amplifier with an
integrated, temperature compensated on-chip power
detector.
The
device
includes
on-chip
ESD
protection structures and DC by-pass capacitors to
ease the implementation and volume assembly of
the packaged part.
The device is specifically designed for use in
13 GHz point-to-point radios for cellular backhaul
applications.
Pin Configuration 2
Functional Schematic
Pin No.
Function
Pin No.
Function
1
No Connection
13
No Connection
2
No Connection
14
No Connection
3
Ground
15
Ground
4
RF Input
16
RF Output
5
Ground
17
Ground
6
Gate 1 Bias
18
Pwr Det Ref
7
Gate 2 Bias
19
Pwr Det
8
Gate 3 Bias
202
Drain 3 Bias
9
No Connection
21
Drain 2 Bias
10
No Connection
22
Drain 1 Bias
112
Drain 3 Bias
23
No Connection
12
No Connection
24
No Connection
253
Paddle
2. Drain 3 Bias can be connected from either pins 11 or 20.
3. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
GND
RFIN
GND
NC
NC
NC
NC
GND
RFOUT
VREF
GND
VG1
1
7
13
19


Similar Part No. - MAAP-010516-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-010516 MA-COM-MAAP-010516 Datasheet
493Kb / 8P
   3 W Power Amplifier
More results

Similar Description - MAAP-010516-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-010516 MA-COM-MAAP-010516 Datasheet
493Kb / 8P
   3 W Power Amplifier
logo
Sanyo Semicon Device
LA4266 SANYO-LA4266 Datasheet
63Kb / 6P
   3 W Monaural Power Amplifier
LA4276 SANYO-LA4276 Datasheet
75Kb / 6P
   3 W 2-Channel Power Amplifier
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA0103 TI-TPA0103 Datasheet
744Kb / 38P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
TPA0103 TI-TPA0103_V01 Datasheet
2Mb / 47P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
TPA0103PWPRG4 TI-TPA0103PWPRG4 Datasheet
1Mb / 4P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA3011 UTC-PA3011_15 Datasheet
256Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED
logo
Toshiba Semiconductor
TA8256BH TOSHIBA-TA8256BH_02 Datasheet
212Kb / 11P
   Audio Power Amplifier 6 W 횞 3 Ch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com