Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65265RHBT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65265RHBT
Description  Output Current Triple Synchronous Step-Down Converter
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65265RHBT Datasheet(HTML) 4 Page - Texas Instruments

  TPS65265RHBT Datasheet HTML 1Page - Texas Instruments TPS65265RHBT Datasheet HTML 2Page - Texas Instruments TPS65265RHBT Datasheet HTML 3Page - Texas Instruments TPS65265RHBT Datasheet HTML 4Page - Texas Instruments TPS65265RHBT Datasheet HTML 5Page - Texas Instruments TPS65265RHBT Datasheet HTML 6Page - Texas Instruments TPS65265RHBT Datasheet HTML 7Page - Texas Instruments TPS65265RHBT Datasheet HTML 8Page - Texas Instruments TPS65265RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
TPS65265
SLVSD86A – DECEMBER 2015 – REVISED DECEMBER 2015
www.ti.com
Pin Functions
PIN
DESCRIPTION
NO.
NAME
1
V7V
Internal LDO for gate driver and internal controller. Connect a 1 µF capacitor from the pin to power ground
An open drain output, asserts low if output voltage of any buck beyond regulation range due to thermal
2
PGOOD
shutdown, over-current, under-voltage or ENx shut down.
Enable for buck1. Float to enable. Can use this pin to adjust the input undervoltage lockout (UVLO) of buck1
3
EN1
with a resistor divider.
4
EN2
Enable for buck2. Float to enable. Can use this pin to adjust the input UVLO of buck2 with a resistor divider.
5
EN3
Enable for buck3. Float to enable. Can use this pin to adjust the input UVLO of buck3 with a resistor divider.
6
FB2
Feedback Kelvin sensing pin for buck2 output voltage. Connect this pin to buck2 resistor divider.
Error amplifier output and Loop compensation pin for buck2. Connect a series resistor and capacitor to
7
COMP2
compensate the control loop of buck2 with peak current PWM mode.
When floating, Buck1/2/3 are controlled separate by EN1/2/3. When tied to HIGH or tied to GND, an automatic
8
MODE
power-up/power-down sequence is provided according to states of EN1, EN2 and EN3 pins.
Boot strapped supply to the high side floating gate driver in buck2. Connect a capacitor (recommend 47nF)
9
BST2
from BST2 pin to LX2 pin.
Power ground connection of buck2. Connect PGND2 pin as close as practical to the (-) terminal of PVIN2 input
10
PGND2
ceramic capacitor.
Switching node connection to the inductor and bootstrap capacitor for buck2. The voltage swing at this pin is
11
LX2
from a diode voltage below the ground up to PVIN2 voltage.
Input power supply for buck2. Connect PVIN2 pin as close as practical to the (+) terminal of an input ceramic
12
PVIN2
capacitor (suggest 10 µF).
Input power supply for buck3. Connect PVIN3 pin as close as practical to the (+) terminal of an input ceramic
13
PVIN3
capacitor (suggest 10 µF).
Switching node connection to the inductor and bootstrap capacitor for buck3. The voltage swing at this pin is
14
LX3
from a diode voltage below the ground up to PVIN3 voltage.
Power ground connection of buck3. Connect PGND3 pin as close as practical to the (-) terminal of PVIN3 input
15
PGND3
ceramic capacitor.
Boot strapped supply to the high side floating gate driver in buck3. Connect a capacitor (recommend 47nF)
16
BST3
from BST3 pin to LX3 pin.
Delay time programmable between bucks at automatic power sequencing mode. Connect an external capacitor
17
SEQ_DLY
to set the interval delay time.
Error amplifier output and Loop compensation pin for buck3. Connect a series resistor and capacitor to
18
COMP3
compensate the control loop of buck3 with peak current PWM mode.
19
FB3
Feedback Kelvin sensing pin for buck3 output voltage. Connect this pin to buck3 resistor divider.
20
ROSC
Oscillator frequency programmable pin. Connect an external resistor to set the switching frequency.
21
AGND
Analog ground common to buck controllers and other analog circuits.
22
FB1
Feedback Kelvin sensing pin for buck1 output voltage. Connect this pin to buck1 resistor divider.
Error amplifier output and Loop compensation pin for buck1. Connect a series resistor and capacitor to
23
COMP1
compensate the control loop of buck1 with peak current PWM mode.
24
PG_DLY
PGOOD delay programmable pin. Connect an external capacitor to set the delay time.
Boot strapped supply to the high side floating gate driver in buck1. Connect a capacitor (recommend 47nF)
25
BST1
from BST1 pin to LX1 pin.
Power ground connection of Buck1. Connect PGND1 pin as close as practical to the (-) terminal of PVIN1 input
26, 27
PGND1
ceramic capacitor.
Switching node connection to the inductor and bootstrap capacitor for buck1. The voltage swing at this pin is
28, 29
LX1
from a diode voltage below the ground up to PVIN1 voltage.
Input power supply for buck1. Connect PVIN1 pin as close as practical to the (+) terminal of an input ceramic
30, 31
PVIN1
capacitor (suggest 22 µF).
32
PSM
Ties to HIGH or leaves floating, PSM mode; Ties to GND, FCCM mode.
There is no electric signal down bonded to thermal pad inside IC. Exposed thermal pad must be soldered to
PAD
PCB for optimal thermal performance.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS65265


Similar Part No. - TPS65265RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65261 TI1-TPS65261 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
TPS65261 TI1-TPS65261 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65261-1 TI1-TPS65261-1 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
TPS65261-1 TI1-TPS65261-1 Datasheet
1Mb / 36P
[Old version datasheet]   2.7 to 6-V Input Voltage, 3-A/2-A/2-A Output Current Triple Synchronous Step-Down Converter
TPS65261-1RHBR TI1-TPS65261-1RHBR Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
More results

Similar Description - TPS65265RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65263-Q1 TI1-TPS65263-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
TPS65262-2 TI1-TPS65262-2 Datasheet
2Mb / 41P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
logo
Linear Technology
LTC3853 LINER-LTC3853_15 Datasheet
752Kb / 36P
   Triple Output, Multiphase Synchronous Step-Down Controller
LTC3853 LINER-LTC3853 Datasheet
414Kb / 36P
   Triple Output, Multiphase Synchronous Step-Down Controller
LTC3646-1 LINER-LTC3646-1 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
logo
Texas Instruments
TPS65261 TI1-TPS65261_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
logo
Union Semiconductor, In...
UM3506QA UNIONSEMI-UM3506QA Datasheet
369Kb / 9P
   Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT2660 RICHTEK-RT2660 Datasheet
332Kb / 18P
   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com