Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS50601-SP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS50601-SP
Description  6-A Synchronous Buck Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS50601-SP Datasheet(HTML) 2 Page - Texas Instruments

  TPS50601-SP Datasheet HTML 1Page - Texas Instruments TPS50601-SP Datasheet HTML 2Page - Texas Instruments TPS50601-SP Datasheet HTML 3Page - Texas Instruments TPS50601-SP Datasheet HTML 4Page - Texas Instruments TPS50601-SP Datasheet HTML 5Page - Texas Instruments TPS50601-SP Datasheet HTML 6Page - Texas Instruments TPS50601-SP Datasheet HTML 7Page - Texas Instruments TPS50601-SP Datasheet HTML 8Page - Texas Instruments TPS50601-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
TPS50601-SP
SLVSD45 – DECEMBER 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................. 15
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 27
2
Applications ........................................................... 1
9
Application and Implementation ........................ 28
3
Description ............................................................. 1
9.1
Application Information............................................ 28
4
Revision History..................................................... 2
9.2
Typical Application ................................................. 28
5
Description (continued)......................................... 3
10
Power Supply Recommendations ..................... 34
6
Pin Configuration and Functions ......................... 3
11
Layout................................................................... 34
7
Specifications......................................................... 7
11.1
Layout Guidelines ................................................. 34
7.1
Absolute Maximum Ratings ...................................... 7
11.2
Layout Example .................................................... 35
7.2
ESD Ratings.............................................................. 7
12
Device and Documentation Support ................. 36
7.3
Recommended Operating Conditions ....................... 7
12.1
Documentation Support ........................................ 36
7.4
Thermal Information .................................................. 8
12.2
Community Resources.......................................... 36
7.5
Electrical Characteristics........................................... 8
12.3
Trademarks ........................................................... 36
7.6
Dissipation Ratings ................................................. 10
12.4
Electrostatic Discharge Caution ............................ 36
7.7
Typical Characteristics ............................................ 11
12.5
Glossary ................................................................ 36
8
Detailed Description ............................................ 14
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 14
Information ........................................................... 36
8.2
Functional Block Diagram ....................................... 15
13.1
Device Nomenclature............................................ 36
4 Revision History
DATE
REVISION
NOTES
Initial release.
Created separate data sheet for this part
December 2015
*
number
Removed the
ψJT thermal metric
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS50601-SP


Similar Part No. - TPS50601-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS50601-SP TI-TPS50601-SP Datasheet
609Kb / 28P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 3-A/6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS50601-SP TI-TPS50601-SP Datasheet
1Mb / 45P
[Old version datasheet]   TPS50x01-xx 1.6- to 6.3-V Input, 3-A/6-A Synchronous Step-Down SWIFT??Converter
More results

Similar Description - TPS50601-SP

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRCD3470 FOSHAN-BRCD3470 Datasheet
773Kb / 9P
   Synchronous Buck Converter in a SOT23-6 Plastic Package
logo
Alpha & Omega Semicondu...
AOZ1038 AOSMD-AOZ1038 Datasheet
544Kb / 14P
   EZBuck??6 A Synchronous Buck Regulator
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
Alpha & Omega Semicondu...
AOZ1038DI-1 AOSMD-AOZ1038DI-1 Datasheet
627Kb / 13P
   EZBuck??6 A Synchronous Buck Regulator
AOZ1038PI AOSMD-AOZ1038PI Datasheet
1Mb / 15P
   EZBuck 6 A Synchronous Buck Regulator
logo
Texas Instruments
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com