Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92691-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92691-Q1
Description  Multi-Topology LED Driver With Rail-to-Rail Current Sense Amplifier
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92691-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS92691-Q1 Datasheet HTML 2Page - Texas Instruments TPS92691-Q1 Datasheet HTML 3Page - Texas Instruments TPS92691-Q1 Datasheet HTML 4Page - Texas Instruments TPS92691-Q1 Datasheet HTML 5Page - Texas Instruments TPS92691-Q1 Datasheet HTML 6Page - Texas Instruments TPS92691-Q1 Datasheet HTML 7Page - Texas Instruments TPS92691-Q1 Datasheet HTML 8Page - Texas Instruments TPS92691-Q1 Datasheet HTML 9Page - Texas Instruments TPS92691-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
TPS92691, TPS92691-Q1
SLVSD68 – DECEMBER 2015
www.ti.com
Electrical Characteristics (continued)
TJ = –40°C to 140°C, VIN = 14 V, VIADJ = 2.2 V, CVCC = 1 µF, CCOMP = 2.2 nF, RCS = 100 mΩ, RT = 20 kΩ, VPWM = 5 V, no load
on GATE and DDRV (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
D = DMAX (with max slope
ILV + ISL
IS level shift source current
115
µA
compensation)
CURRENT SENSE AMPLIFIER (CSP, CSN)
Cumulative offset voltage at VCSP = 60 –40°C ≤ TJ ≤ 140°C
–5.2
5.9
mV
V and V(CSP-CSN) = 150 mV, referred to
25°C
≤ TJ ≤ 140°C
–4.4
4.6
mV
current sense input
Cumulative offset voltage at VCSP = 60 –40°C ≤ TJ ≤ 140°C
–3.5
5.0
mV
V and V(CSP-CSN) = 10 mV, referred to
25°C
≤ TJ ≤ 140°C
-2.8
4.0
mV
current sense input
VCS(offset)
Cumulative offset voltage at VCSN = 0
–40°C
≤ TJ ≤ 140°C
–5.9
6.7
mV
V and V(CSP-CSN) = 150 mV, referred to
25°C
≤ TJ ≤ 140°C
-4.7
5.0
mV
current sense input
Cumulative offset voltage at VCSN = 0
–40°C
≤ TJ ≤ 140°C
–2.3
3.2
mV
V and V(CSP-CSN) = 10 mV, referred to
25°C
≤ TJ ≤ 140°C
–1.7
2.6
mV
current sense input
CS(BW)
Current sense unity gain bandwidth
500
kHz
ICS(BIAS)
CSP, CSN bias current
VCSP, CSN = 60 V
4
µA
CURRENT MONITOR (IMON)
VIMON(CLP)
IMON output voltage clamp
3.2
3.7
4.2
V
VIMON(OS)
IMON buffer offset voltage
–11.4
–1.6
7.3
mV
ANALOG ADJUST (IADJ)
VIADJ(CLP)
IADJ internal clamp voltage
IIADJ = 1 µA
2.27
2.42
2.55
V
IIADJ(BIAS)
IADJ input bias current
VIADJ < 2.2 V
90
nA
RIADJ(LMT)
IADJ current limiting series resistor
VIADJ > 2.6 V
12
k
Ω
ERROR AMPLIFIER (COMP)
gM
Transconductance
121
µA/V
ICOMP(SRC)
COMP current source capacity
VIADJ = 1.4 V, V(CSP-CSN) = 0 V
130
µA
ICOMP(SINK)
COMP current sink capacity
VIADJ = 0 V, V(CSP-CSN) = 0.1 V
130
µA
EA(BW)
Error amplifier bandwidth
–3 dB
5
MHz
VCOMP(RST)
COMP pin reset voltage
100
mV
RCOMP(DCH)
COMP discharge FET resistance
246
Ω
SOFT-START (SS)
ISS
Soft-start source current
7
10
12.8
µA
VSS(RST)
Soft-start pin reset voltage
25
mV
RSS(DCH)
SS discharge FET resistance
260
Ω
OVERVOLTAGE PROTECTION (OVP)
VOVP(THR)
OVP detection threshold
1.18
1.24
1.31
V
IOVP(HYS)
OVP hysteresis current
12
20
27.5
µA
PWM INPUT (PWM)
Schmitt trigger logic level (high
VPWM(HIGH)
2.5
2.7
V
threshold)
Schmitt trigger logic level (low
VPWM(LOW)
2.0
2.3
V
threshold)
RPWM(PD)
PWM pulldown resistance
1
M
Ω
tDLY(RISE)
PWM to DDRV rising delay
54
ns
tDLY(FALL)
PWM to DDRV falling delay
72
ns
PWM GATE DRIVE OUTPUT (DDRV)
RDH
DDRV high-side resistance
6.1
12.8
Ω
RDL
DDRV low-side resistance
5.2
11.4
Ω
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS92691 TPS92691-Q1


Similar Part No. - TPS92691-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92690 TI-TPS92690 Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690-Q1 TI1-TPS92690-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives
TPS92690PWP TI-TPS92690PWP Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690PWP/NOPB TI-TPS92690PWP/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690PWPR TI-TPS92690PWPR Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
More results

Similar Description - TPS92691-Q1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
LT1621 LINER-LT1621_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
LT1620 LINER-LT1620 Datasheet
282Kb / 12P
   Rail-to-Rail Current Sense Amplifier
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com