Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1584AU Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX1584AU
Description  8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1584AU Datasheet(HTML) 2 Page - Sipex Corporation

  SPX1584AU Datasheet HTML 1Page - Sipex Corporation SPX1584AU Datasheet HTML 2Page - Sipex Corporation SPX1584AU Datasheet HTML 3Page - Sipex Corporation SPX1584AU Datasheet HTML 4Page - Sipex Corporation SPX1584AU Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Date: 04/29/04
SPX1584
ABSOLUTE MAXIMUM RATINGS
Power Dissipation..........................................Internally Limited
Input Supply Voltage .................................................... +10V
Lead Temp. (Soldering, 10 Seconds) .............................. 300°C
Input to Output Voltage Differential .............................. 8.8V
Storage Temperature Range ............................ -65° to +150°C
Operating Junction Temperature Range
SPX1584 Control Section..........................0C° to +125°C
SPX1584 Power Transistor........................0C° to +150°C
ELECTRICAL CHARACTERISTICS (Note 1) at IOUT = 10mA, TA = 25°C, unless otherwise specified.
Parameter
Conditions
SPX1584A
SPX1584
Units
Typ
Min
Max
Min
Max
3.3V Version
Output Voltage (Note 2)
SPX1584-3.3V, 0
≤IOUT1.5A,
4.75V
≤VIN≤7V
3.3
3.3
3.270
3.240
3.330
3.360
3.230
3.201
3.370
3.399
V
All Voltage Options
Reference Voltage
10mA
≤ IOUT ≤ IFULLLOAD
3.3V
≤(VIN - VOUT )≤ VIN MAX – VOUT MAX
1.250
1.250
1.238
1.225
1.262
1.270
1.238
1.225
1.262
1.270
V
Mid Load Current
(VIN- VOUT) = VIN MAX – VOUT MAX
5
10
10
mA
Line Regulation
1.5V
≤VIN - VOUT ≤ VIN MAX – VOUT MAX
ILOAD = 10mA
0.015
0.05
0.2
0.5
0.2
0.5
%
Load Regulation
10mA
≤ IOUT ≤ IFULLLOAD
(VIN - VOUT)=3V
0.1
0.2
0.3
0.4
0.3
0.4
%
Dropout Voltage
IOUT=IFULLLOAD ,
∆VREF=1%
1.1
1.2
1.2
V
Current Limit
VIN - VOUT=5V
9.5
8.0
8.0
A
Long Term Stability
TA=125
°C, 1000Hrs.
0.3
1
1
%
Adjust Pin Current
TA=25
°C
55
90
90
µA
Adjust Pin Current
Change
0.2
5
5
µA
Thermal Regulation
30ms pulse
0.003
0.01
0.01
%/W
Temperature Stability
0.5
%
Ripple Rejection Ratio
VIN - VOUT=3V
IOUT =3A, COUT = 25
µF, CADJ = 25µF,
f= 120Hz
75
60
60
dB
Output Noise, RMS
10Hz to 10kHz
0.003
% VO
Thermal Resistance
Junction-to-Case
TO-220
Junction to Tab
Junction to Ambient
2.7
0.65
2.7
0.65
°C/W
The Bold specifications apply to the full operating temperature range.
Note 1: Changes in output voltage due to heating effects are covered under the specification for thermal regulation.
Note 2: A 10
µF output capacitor is required on SPX1584


Similar Part No. - SPX1584AU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1584AU SIPEX-SPX1584AU Datasheet
226Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1584AU-3.3 SIPEX-SPX1584AU-3.3 Datasheet
226Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
More results

Similar Description - SPX1584AU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1584 SIPEX-SPX1584 Datasheet
226Kb / 5P
   8A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
SPX1083 SIPEX-SPX1083 Datasheet
143Kb / 5P
   8A Low DropOut Voltage Regulator Adjustable & Fixed 3.3V
SPX2840 SIPEX-SPX2840 Datasheet
222Kb / 5P
   4A Low Dropout Voltage Regulator Adjustable & Fixed 3.3V
logo
Fairchild Semiconductor
KA278RA05 FAIRCHILD-KA278RA05 Datasheet
78Kb / 8P
   Low Dropout Voltage Regulator (Fixed & Adjustable)
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
[Old version datasheet]   ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1508 ADMOS-AMS1508_05 Datasheet
174Kb / 9P
   8A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com