Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS610985DSER Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS610985DSER
Description  Ultra-Low Quiescent Current Synchronous Boost
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS610985DSER Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS610985DSER Datasheet HTML 5Page - Texas Instruments TPS610985DSER Datasheet HTML 6Page - Texas Instruments TPS610985DSER Datasheet HTML 7Page - Texas Instruments TPS610985DSER Datasheet HTML 8Page - Texas Instruments TPS610985DSER Datasheet HTML 9Page - Texas Instruments TPS610985DSER Datasheet HTML 10Page - Texas Instruments TPS610985DSER Datasheet HTML 11Page - Texas Instruments TPS610985DSER Datasheet HTML 12Page - Texas Instruments TPS610985DSER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
100
200
300
400
500
600
700
D037
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
100
200
300
400
500
600
D038
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
100
200
300
400
500
600
700
D003
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
100
200
300
400
500
600
D004
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
100
200
300
400
500
600
700
800
900
D023
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
100
200
300
400
500
600
700
800
900
1000
D024
TPS61098, TPS610981
TPS610982, TPS610985, TPS610986
www.ti.com
SLVS873C – JUNE 2015 – REVISED DECEMBER 2015
Typical Characteristics (continued)
TPS61098
MODE = Low
TPS61098
MODE = Low
Figure 7. Rectifier On Resistance vs Temperature
Figure 8. Low Side Switch On Resistance vs Temperature
TPS610981
MODE = High / Low
TPS610981
MODE = High / Low
Figure 9. Rectifier On Resistance vs Temperature
Figure 10. Low Side Switch On Resistance vs Temperature
TPS610982
MODE = High / Low
TPS610982
MODE = High / Low
Figure 11. Rectifier On Resistance vs Temperature
Figure 12. Low Side Switch On Resistance vs Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS61098 TPS610981 TPS610982 TPS610985 TPS610986


Similar Part No. - TPS610985DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS610985DSER TI1-TPS610985DSER Datasheet
3Mb / 44P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
More results

Similar Description - TPS610985DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
   Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
[Old version datasheet]   Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
[Old version datasheet]   TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
Microchip Technology
MCP16251 MICROCHIP-MCP16251 Datasheet
1Mb / 34P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator
2013
logo
Texas Instruments
TPS61098 TI1-TPS61098_16 Datasheet
3Mb / 44P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS61098 TI-TPS61098_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com