Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7H3301HKR Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS7H3301HKR
Description  Sink/Source TID and SEE Hardened 3-A DDR Termination Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7H3301HKR Datasheet(HTML) 5 Page - Texas Instruments

  TPS7H3301HKR Datasheet HTML 1Page - Texas Instruments TPS7H3301HKR Datasheet HTML 2Page - Texas Instruments TPS7H3301HKR Datasheet HTML 3Page - Texas Instruments TPS7H3301HKR Datasheet HTML 4Page - Texas Instruments TPS7H3301HKR Datasheet HTML 5Page - Texas Instruments TPS7H3301HKR Datasheet HTML 6Page - Texas Instruments TPS7H3301HKR Datasheet HTML 7Page - Texas Instruments TPS7H3301HKR Datasheet HTML 8Page - Texas Instruments TPS7H3301HKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TPS7H3301-SP
www.ti.com
SLVSCJ5 – DECEMBER 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature, unless otherwise noted
(1)
MIN
MAX
UNIT
VIN /VDD, VLDOIN, VTTSNS, VDDQSNS
–0.36
3.6
Input voltage (2)
EN
–0.3
6.5
V
PGND to AGND
–0.3
0.3
VO /VTT, VTTREF
–0.3
3.6
Output voltage (2)
V
PGOOD
–0.3
3.6
Peak output current
Internally limited
A
PG pin sink current
5
mA
TJ
Maximum operating junction temperature
–55
150
°C
Tstg
Storage temperature
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground pin unless otherwise noted.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins (1)
±4000
Electrostatic
V(ESD)
V
discharge
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins (2)
±750
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage
VIN / VDD
2.375
3.5
VLDOIN
0.9
3.5
EN, VTTSNS
–0.1
3.5
VDDQSNS
1.0
3.5
V
Voltage
VO / VTT, PGOOD
–0.1
3.5
VTTREF
–0.1
1.8
PGND
–0.1
0.1
T J
Operating junction temperature
–55
125
°C
7.4 Thermal Information
TPS7H3301-SP
THERMAL METRIC (1) (2) (3)
HKR (CFP)
UNIT
16 PINS
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Do not allow package body temperature to exceed 265°C at any time or permanent damage may result.
(3)
Maximum power dissipation may be limited by overcurrent protection.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS7H3301HKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7H3301HKR/EM TI1-TPS7H3301HKR/EM Datasheet
1Mb / 28P
[Old version datasheet]   Sink and Source Radiation-Hardened 3-A DDR Termination Regulator With Built-In VTTREF Buffer
More results

Similar Description - TPS7H3301HKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51100 TI-TPS51100_07 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
TPS5110 TI-TPS5110 Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
   Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS7H3301-SP_016 TI1-TPS7H3301-SP_016 Datasheet
1Mb / 28P
[Old version datasheet]   Sink and Source Radiation-Hardened 3-A DDR Termination Regulator With Built-In VTTREF Buffer
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com