Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5971PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5971PWPR
Description  12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5971PWPR Datasheet(HTML) 5 Page - Texas Instruments

  TLC5971PWPR Datasheet HTML 1Page - Texas Instruments TLC5971PWPR Datasheet HTML 2Page - Texas Instruments TLC5971PWPR Datasheet HTML 3Page - Texas Instruments TLC5971PWPR Datasheet HTML 4Page - Texas Instruments TLC5971PWPR Datasheet HTML 5Page - Texas Instruments TLC5971PWPR Datasheet HTML 6Page - Texas Instruments TLC5971PWPR Datasheet HTML 7Page - Texas Instruments TLC5971PWPR Datasheet HTML 8Page - Texas Instruments TLC5971PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
TLC5971
www.ti.com
SBVS146D – AUGUST 2010 – REVISED DECEMBER 2015
Recommended Operating Conditions (continued)
at TA = –40°C to +85°C, and VCC = 6 V to 17 V or VCC = VREG = 3 V to 5.5 V, unless otherwise noted.
MIN
NOM
MAX
UNIT
IREG
Voltage regulator output current (VREG)
–25
mA
TA
Operating free temperature range
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
AC CHARACTERISTICS
fCLK (SCKI)
Data clock frequency and GS control clock frequency, SCKI
0.007
20
MHz
tWH/tWL
Pulse duration, SCKI
10
ns
tSU
Setup time, SDTI – SCKI
5
ns
tH
Hold time, SDTI – SCKI
3
ns
6.4 Thermal Information
TLC5971
THERMAL METRIC(1)
PWP (HTSSOP)
RGE (VQFN)
UNIT
20 PINS
24 PINS
θJA
Junction-to-ambient thermal resistance
68.6
38
°C/W
θJCtop
Junction-to-case (top) thermal resistance
44.2
40.5
°C/W
θJB
Junction-to-board thermal resistance
19.3
10.2
°C/W
ψJT
Junction-to-top characterization parameter
2.7
0.3
°C/W
ψJB
Junction-to-board characterization parameter
15.7
10
°C/W
θJCbot
Junction-to-case (bottom) thermal resistance
1.8
2.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
At TA = –40°C to +85°C, VCC = 6 V to 17 V or VCC = VREG = 3 V to 5.5 V, VLED = 5 V, and CVREG = 1 µF, unless otherwise
noted. Typical values are at TA = 25°C and VCC = 12 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, SDTO/SCKO
IOH = –2 mA
VREG – 0.4
VREG
V
VOL
Low-level output voltage, SDTO/SCKO
IOL = 2 mA
0
0.4
V
II
Input current, SDTI/SCKI
VI = VREG or GND
–1
1
µA
SDTI/SCKI = low, BLANK = 1, GSn = FFFFh,
ICC
2
4
mA
BCX = 7Fh, VOUTXn = 1 V, RIREF = 24 kΩ (IOLCMax = 2 mA)
SDTI/SCKI = low, BLANK = 1, GSn = FFFFh,
ICC1
6
9
mA
BCX = 7Fh, VOUTXn = 1 V, RIREF = 1.6 kΩ (IOLCMax = 30 mA)
SDTI = 10 MHz, SCKI = 20 MHz, BLANK = 0,
Supply current
ICC2
auto repeat enable, external GS clock selected, GSn = FFFFh,
14
22
mA
BCX = 7Fh, VOUTXn = 1 V, RIREF = 1.6 kΩ (IOLCMax = 30 mA)
SDTI = 10 MHz, SCKI = 20 MHz, BLANK = 0,
ICC3
auto repeat enable, external GS clock selected, GSn = FFFFh,
21
36
mA
BCX = 7Fh, VOUTXn = 1 V, RIREF = 0.82 kΩ (IOLCMax = 60 mA)
All OUTXn on, BCX = 7Fh, VOUTXn = 1 V,
IOLC
Constant output current, OUTXn
56.3
60.5
64.7
mA
VOUTfix = 1 V, RIREF = 0.82 kΩ (IOLCMax = 60 mA)
All OUTXn off, BCX = 7Fh, VOUTXn = 17 V,
IOLKG
Leakage output current, OUTXn
0.1
µA
VOUTfix = 17 V, RIREF = 0.82 kΩ (IOLCMax = 60 mA)
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLC5971


Similar Part No. - TLC5971PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5971PWPR TI-TLC5971PWPR Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
More results

Similar Description - TLC5971PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59711 TI1-TLC59711 Datasheet
963Kb / 36P
[Old version datasheet]   12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC5971 TI-TLC5971 Datasheet
823Kb / 37P
[Old version datasheet]   12-Channel 16-Bit, Enhanced Spectrum PWM, RGB LED Driver with 3.3-V Linear Regulator
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5942 TI1-TLC5942_16 Datasheet
884Kb / 29P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI1-TLC5946_17 Datasheet
1Mb / 41P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5947 TI-TLC5947 Datasheet
688Kb / 25P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com