Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL60-N111B Datasheet(PDF) 5 Page - SICK AG

Part # DL60-N111B
Description  MID RANGE DISTANCE SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DL60-N111B Datasheet(HTML) 5 Page - SICK AG

  DL60-N111B Datasheet HTML 1Page - SICK AG DL60-N111B Datasheet HTML 2Page - SICK AG DL60-N111B Datasheet HTML 3Page - SICK AG DL60-N111B Datasheet HTML 4Page - SICK AG DL60-N111B Datasheet HTML 5Page - SICK AG DL60-N111B Datasheet HTML 6Page - SICK AG DL60-N111B Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DL60-N111B | Dx60
MID RANGE DISTANCE SENSORS
2016-03-17 13:18:11 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
5
Selection Guide
Plug & Play: How to choose different measurement ranges by the type code (4 mA … 20 mA)
bb (begin) e
ee (end) e
Be aware
ee/bb e 00 e 300 mm (smallest possible distance value).
There is a minimum difference between “bb” and “ee” of at least 1 unit (1,000 mm) (e.g. bb e 02
ee ≥ 03)
Range of values
00 … 24 e
Examples
Model name
Description
DL60-P111B0010
DL60, switching output PNP, measurement range 300 mm ... 10,000 mm (4 mA
e 0.3 m ... 20 mA e 10 m)
DL60-N111B0915
DL60, switching output NPN, measurement range 9,000 mm ... 15,000 mm (4 mA
e 9 m ... 20 mA e 15 m)
DL60-P111B2402
DL60, switching output PNP, measurement range 24,000 mm ... 2,000 mm (inverted measuring area)
(4 mA
e 24 m ... 20 mA e 2 m)
ee > bb
bb > ee (inverted measuring area)
4 mA
20 mA
bb
ee
Distance
4 mA
20 mA
ee
bb
Distance


Similar Part No. - DL60-N111B

ManufacturerPart #DatasheetDescription
logo
SICK AG
DL60-P111B SICK-DL60-P111B Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
DL60-P111B0015 SICK-DL60-P111B0015 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
DL60-P111B0024 SICK-DL60-P111B0024 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
DL60-P111B0210 SICK-DL60-P111B0210 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
DL60-P112BS01 SICK-DL60-P112BS01 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - DL60-N111B

ManufacturerPart #DatasheetDescription
logo
SICK AG
DR35-B15822 SICK-DR35-B15822 Datasheet
1Mb / 7P
   MID RANGE DISTANCE SENSORS
DS50-P1112 SICK-DS50-P1112 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DT35-B15851 SICK-DT35-B15851 Datasheet
1Mb / 8P
   MID RANGE DISTANCE SENSORS
DS60-N51111 SICK-DS60-N51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DL60-P111B0015 SICK-DL60-P111B0015 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
DT50-2B215252 SICK-DT50-2B215252 Datasheet
1Mb / 9P
   MID RANGE DISTANCE SENSORS
DS30-N2253 SICK-DS30-N2253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P41211 SICK-DS60-P41211 Datasheet
654Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P51111 SICK-DS60-P51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DT50-P2123 SICK-DT50-P2123 Datasheet
691Kb / 6P
   MID RANGE DISTANCE SENSORS
DT60-N111B0253 SICK-DT60-N111B0253 Datasheet
453Kb / 6P
   MID RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com