Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2230UQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2230UQ
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2230UQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2230UQ Datasheet HTML 1Page - Diodes Incorporated DMN2230UQ Datasheet HTML 2Page - Diodes Incorporated DMN2230UQ Datasheet HTML 3Page - Diodes Incorporated DMN2230UQ Datasheet HTML 4Page - Diodes Incorporated DMN2230UQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DMN2230UQ
Document number: DS37497 Rev. 1 - 2
2 of 5
www.diodes.com
June 2015
© Diodes Incorporated
DMN2230UQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Note 6)
ID
2.0
A
Pulsed Drain Current (Note 7)
IDM
7
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 6)
PD
600
mW
Thermal Resistance, Junction to Ambient
RJA
208
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
20
V
VGS = 0V, ID = 10µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 20V, VGS = 0V
Gate-Source Leakage
IGSS
10
µA
VGS = 12V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
0.5
1.0
V
VDS = VCS, ID = 250µA
Static Drain-Source On-Resistance
RDS (ON)
81
113
170
110
145
230
m
VGS = 4.5V, ID = 2.5A
VGS = 2.5V, ID = 1.5A
VGS = 1.8V, ID = 1.0A
Forward Transfer Admittance
|Yfs|
5
S
VDS = 5V, ID = 2.4A
Diode Forward Voltage (Note 8)
VSD
0.8
1.1
V
VGS = 0V, IS = 1.05A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
188
pF
VDS = 10V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
44
pF
Reverse Transfer Capacitance
Crss
30
pF
Total Gate Charge
Qg

2.3

nC
VDS = 10V, ID = 11.6A
Gate-Source Charge
Qgs

0.3

nC
Gate-Drain Charge
Qgd

0.5

nC
Turn-On Delay Time
td(on)

8
ns
VDD = 10V, RL = 10Ω
ID = 1A, VGEN = 4.5V, RG = 6Ω
Rise Time
tr

3.8
Turn-Off Delay Time
td(off)

19.6
Fall Time
tf

8.3
Notes:
6. Device mounted on FR-4 PCB, or minimum recommended pad layout.
7. Repetitive rating, pulse width limited by junction temperature.
8. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - DMN2230UQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2230U DIODES-DMN2230U Datasheet
162Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
ZP Semiconductor
DMN2230U ZPSEMI-DMN2230U Datasheet
138Kb / 2P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN2230U-7 DIODES-DMN2230U-7 Datasheet
162Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMN2230U DIODES-DMN2230U_15 Datasheet
128Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN2230UQ

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com