Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6230 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6230
Description  Adjustable Voltage Output Multifunction 2A High Speed LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6230 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6230 Datasheet HTML 1Page - Torex Semiconductor XC6230 Datasheet HTML 2Page - Torex Semiconductor XC6230 Datasheet HTML 3Page - Torex Semiconductor XC6230 Datasheet HTML 4Page - Torex Semiconductor XC6230 Datasheet HTML 5Page - Torex Semiconductor XC6230 Datasheet HTML 6Page - Torex Semiconductor XC6230 Datasheet HTML 7Page - Torex Semiconductor XC6230 Datasheet HTML 8Page - Torex Semiconductor XC6230 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/26
XC6230 Series
Adjustable Voltage Output Multifunction 2A High Speed LDO Regulator
ETR03084-003a
FEATURES
Output current
:2.0A
Current Limit setting range
:0.3A ~2.5A
Dropout Voltage
:
0.17V @ IOUT =1.0A / VOUT_SET =3.3V
Input voltage range
:1.7V~6.0V
Adjustable Output Voltage Accuracy
:
1.2V ±1.0%
Output voltage setting range
:
1.2V~5.0V
Supply current
:
45μA
Addition function
:
Reverse Current Protection(Option)
Inrush Current Protection
Output Voltage adjustable
CL High Speed Discharge
Current Limit adjustable
Protection function
:
Thermal shutdown
(Detection Temp:150℃(TYP.),
Release Temp:125℃(TYP.)
Current limit、Short Protection
Output capacitor
:
Ceramic capacitor (4.7μF)
Operating Ambient Temperature
:-40℃~+105℃
Packages
:
USP-6C, SOP-8FD (Under Development)
Environment friendly features
:
EU RoHS Directive compliant, Pb free
GENERAL DESCRIPTION
The XC6230 series are low on-resistance / low dropout voltage, highly precise, low noise, high PSRR, and large current High Speed LDO regulator IC.
Internal circuitry includes a reference voltage supply, error amplifier, driver transistor, over-current protection circuit, in-rush current prevention circuit,
reverse current protection circuit, thermal shutdown circuit, and phase compensation circuit.
A built-in 0.17Ω low ON-resistance Pch driver transistor which can output up to a maximum output current 2.0A are also enclosed in a small
surface-mount PKG, even in applications that input and output voltage difference is you use a very small state, it is possible to use in the space-saving.
A low ESR ceramic capacitor can be used for the output capacitor (CL).
Then, the output voltage is possible to set the output voltage value to 1.2V ~ 5.0V by connecting the external resistors to VOFB terminal.
The over current protection circuit will operate when the output current reaches its current limit. The thermal shutdown circuit will operate when the
junction temperature reaches its limit temperature. The current limit is possible to arbitrarily set in a range of external resistor in 0.3 ~ 2.5A to ILIM terminal.
The inrush current prevention circuit perform the function of suppressing the variation of the VIN line and It is possible to suppress the current (inrush
current), which is charged in the output capacitor (CL) during IC start rising (when the IC control in CE). In addition, the CE function enables the output to
be turned off and the IC becomes a stand-by mode resulting in greatly reduced power consumption. When in standby mode, the output capacitor (CL)
to be discharged at high speed it can be returned to the VSS level.
The IC has further built-in reverse current prevention circuit, to prevent backflow current when the voltage state of more than input terminal (VIN) to the
output terminal (VOUT).
APPLICATIONS
Industrial equipment
Mobile modules
Wireless modules
TYPICAL APPLICATION CIRCUIT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
500
1000
1500
2000
2500
3000
Output Current : IOUT (mA)
XC6230(VOUT_SET=1.2V)
RLIM_SET=0Ω
RLIM_SET=13.5kΩ
RLIM_SET=36kΩ
RLIM_SET=100kΩ
RLIM_SET=200kΩ
VOUT_SET =1.2V, Ta=25℃,
VIN=2.2V, CIN=2.2μF(ceramic), CL=4.7μF(ceramic)
TYPICALPERFORMANCE CHARACTERISTICS
Output Voltage vs. Output Current (Output current externally adjusted.)
VSS
V IN
VOUT
CE
CL =4.7uF
(ceramic)
CIN =2.2 F
( ceramic)
INPUT
R 21
R 22
VOFB
ILIM
R ILIM
V IN
u


Similar Part No. - XC6230

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6231 TOREX-XC6231 Datasheet
299Kb / 11P
   竊?V Input, 500mA, High Speed LDO Regulators
XC6233 TOREX-XC6233 Datasheet
827Kb / 30P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6233H121GR-G TOREX-XC6233H121GR-G Datasheet
827Kb / 30P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6233H121MR-G TOREX-XC6233H121MR-G Datasheet
827Kb / 30P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6233H121NR-G TOREX-XC6233H121NR-G Datasheet
827Kb / 30P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
More results

Similar Description - XC6230

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
Shenzhen Huazhimei Semi...
HM6225 HMSEMI-HM6225 Datasheet
393Kb / 8P
   400mA output voltage adjustable high speed LDO regulators
logo
Asahi Kasei Microsystem...
AP1155ADU AKM-AP1155ADU Datasheet
737Kb / 23P
   15V Input / 1A Output Adjustable Voltage LDO Regulator
logo
Rohm
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
logo
Asahi Kasei Microsystem...
AP1151 AKM-AP1151 Datasheet
968Kb / 29P
   200mA Output,High PSRR,Low Noise LDO Regulator Adjustable Output Voltage Type
logo
HuaXinAn Electronics CO...
AP1151ADS HUAXINAN-AP1151ADS Datasheet
1Mb / 27P
   Input Adjustable Voltage LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9118 BELLING-BL9118 Datasheet
187Kb / 12P
   800mA Adjustable Voltage High Speed LDO Regulators
logo
STMicroelectronics
L4909 STMICROELECTRONICS-L4909 Datasheet
61Kb / 7P
   EXTERNALLY ADJUSTABLE MULTIFUNCTION REGULATOR
logo
Analog Intergrations Co...
AIC1189 AIC-AIC1189 Datasheet
563Kb / 20P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Sangdest Microelectroni...
SULR1221 SMC-SULR1221 Datasheet
547Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com