Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9264 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9264
Description  18V Operation 0.5A Synchronous Step-Down DC/DC Converters
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9264 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9264 Datasheet HTML 1Page - Torex Semiconductor XC9264 Datasheet HTML 2Page - Torex Semiconductor XC9264 Datasheet HTML 3Page - Torex Semiconductor XC9264 Datasheet HTML 4Page - Torex Semiconductor XC9264 Datasheet HTML 5Page - Torex Semiconductor XC9264 Datasheet HTML 6Page - Torex Semiconductor XC9264 Datasheet HTML 7Page - Torex Semiconductor XC9264 Datasheet HTML 8Page - Torex Semiconductor XC9264 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2/30
XC9263/XC9264 Series
BLOCK DIAGRAM
XC9263/64Series
PWM/PFM
ControlLOGIC
FB
+
-
+
-
Low
Side
Buffer
Lx
VIN
EN/SS
Chip
Enable
Vref
Soft Start
Under
Voltage
Lock Out
Current
Limit
Err Amp
GND
PG(USP-6C Package Only)
+
-
Thermal
Shutdown
Comparator
PWM
LocalReg
Current
SENSE
Gate
CLAMP
PowerG ood
Comparator
each
circuit
Ramp
Wave
OSC
High
Side
Buffer
Current
Limit
PFM
Operation
Enable
each
circuit
Current
feed
back
*Diodes inside the circuit are an ESD protection diodes and a parasitic diodes.


Similar Part No. - XC9264

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9260 TOREX-XC9260 Datasheet
1Mb / 28P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08CER-G TOREX-XC9260A08CER-G Datasheet
1Mb / 28P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08CPR-G TOREX-XC9260A08CPR-G Datasheet
1Mb / 28P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08DER-G TOREX-XC9260A08DER-G Datasheet
1Mb / 28P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
XC9260A08DPR-G TOREX-XC9260A08DPR-G Datasheet
1Mb / 28P
   COT Control, 1.5A Synchronous Step-Down DC/DC Converters
More results

Similar Description - XC9264

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9263 TOREX-XC9263 Datasheet
1Mb / 30P
   18V Operation 0.5A Synchronous Step-Down DC/DC Converters
XC9280 TOREX-XC9280 Datasheet
1Mb / 29P
   18V Operation 3.0A Synchronous Step-Down DC/DC Converters
XD9263 TOREX-XD9263 Datasheet
1Mb / 28P
   18V Operation 500mA Synchronous Step-Down DC/DC Converters
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XC9267 TOREX-XC9267 Datasheet
1Mb / 31P
   36V Operation 0.6A Synchronous Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
logo
E-CMOS Corporation
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
   2A, 18V, Synchronous Step-down DC/DC Converter
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
   3A, 18V, Synchronous Step-down DC/DC Converter
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com