Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX29150U-1.8 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX29150U-1.8
Description  1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29150U-1.8 Datasheet(HTML) 7 Page - Sipex Corporation

  SPX29150U-1.8 Datasheet HTML 1Page - Sipex Corporation SPX29150U-1.8 Datasheet HTML 2Page - Sipex Corporation SPX29150U-1.8 Datasheet HTML 3Page - Sipex Corporation SPX29150U-1.8 Datasheet HTML 4Page - Sipex Corporation SPX29150U-1.8 Datasheet HTML 5Page - Sipex Corporation SPX29150U-1.8 Datasheet HTML 6Page - Sipex Corporation SPX29150U-1.8 Datasheet HTML 7Page - Sipex Corporation SPX29150U-1.8 Datasheet HTML 8Page - Sipex Corporation SPX29150U-1.8 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Date:5/25/04
SP29150/51/52/53 1.5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
The SPX29150/51/52/53 incorporates protec-
tion against over-current faults, reversed load
insertion, over temperature operation, and
positive and negative transient voltage.
Thermal Considerations
Although the SPX29150/51/52/53 offers
limiting circuitry for overload conditions, it is
still necessary to insure that the maximum
junction temperature is not exceeded in the
application. Heat will flow through the lowest
resistance path, the junction-to-case path. In
order to insure the best thermal flow of the
component, proper mounting is required.
Consult the heatsink manufacturer for thermal
resistance and heat sink design.
TO-220 Design Example:
Assume that VIN = 10V, VOUT = 5V, IOUT =
1.5A, TA = 50°C, θHA= 1°C/W, θCH= 2°C/W,
and
θJC= 3C°/W, where:
TA = ambient temperature,
θHA= heatsink to ambient thermal
resistance
θCH= case to heatsink thermal
resistance
θJC = junction to case thermal
resistance
The power calculated under these conditions
is:
PD = (VIN – VOUT) * IOUT = 7.5W.
SPX29150
VOUT
V
IN
6.8 F
+
+ 10 F
1
2
3
SPX29152
VOUT
VIN
GND
ADJ
1
2
3
4
5
R1
R2
6.8 F
++ 10 F
Figure 19. Fixed Output Linear Regulator
Figure 20. Adjustable Output Linear Regulator
And the junction temperature is calculated as
TJ = TA + PD * (θHA + θCH + θJC) or
TJ = 50 + 7.5 * (1+2+3) = 95°C
Reliable operation is insured.
Capacitor Requirements
The output capacitor is needed to insure
stability and minimize the output noise. The
value of the capacitor varies with the load.
However, a minimum value of 10
µF alumi-
num capacitor will guarantee stability over all
load conditions. A tantalum capacitor is
recommended if a faster load transient
response is needed. If the power source has a
high AC impedance, a 0.1
µF ceramic capaci-
tor between input & ground is recommended.
Minimum Load Current
To ensure a proper behavior of the regulator
under light load, a minimum load of 5mA for
SPX29150/51/52/53 is required.
Typical Application Circuits
Figure 19 represents at typical fixed output
regulator. Figure 20 represents an adjustable
output regulator. The values of R1 and R2 set
the output voltage value as follows: VOUT
=VREF * [1 + (R1/R2)]. For best results, the
total series resistance should be small enough
to pass a minimum regulator load current of
5mA. A minimum value of 10k
Ω is recom-
mended for R2 with a range between 10k
and 47k
Ω.
APPLICATION INFORMATION


Similar Part No. - SPX29150U-1.8

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29150U-1-8 SIPEX-SPX29150U-1-8 Datasheet
665Kb / 13P
   1.5A Low Dropout Voltage Regulator
More results

Similar Description - SPX29150U-1.8

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1086 SIPEX-SPX1086 Datasheet
194Kb / 7P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2815 SIPEX-SPX2815 Datasheet
207Kb / 10P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Calogic, LLC
CLM2815 CALOGIC-CLM2815 Datasheet
84Kb / 6P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
logo
Sipex Corporation
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
   1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com