Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX29302A Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX29302A
Description  3A High Current, Low Dropout Voltage Regulator Adjustable, Fast Response Time
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29302A Datasheet(HTML) 3 Page - Sipex Corporation

  SPX29302A Datasheet HTML 1Page - Sipex Corporation SPX29302A Datasheet HTML 2Page - Sipex Corporation SPX29302A Datasheet HTML 3Page - Sipex Corporation SPX29302A Datasheet HTML 4Page - Sipex Corporation SPX29302A Datasheet HTML 5Page - Sipex Corporation SPX29302A Datasheet HTML 6Page - Sipex Corporation SPX29302A Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Date: 5/25/04
SPX29302A 3Amp LDO Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
Reference
Thermal
Shutdown
EN
IN
OUT
ADJ
GND
O.V
I
LIMIT
28V
R1*
R2*
1.180V
1.240V
+
+
--
FLAG
BLOCK DIAGRAM
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Dropout Voltage vs Load Current
Figure 3. Line Regulation
Figure 4. Ground Current vs Load Current
Figure 5. Load Regulation
Figure 6. Enable Threshold vs Temperature
0
200
400
600
800
1000
0
1.0
2.0
3.0
IL (A)
V
OUT=3.3V
CL = 10µF
1200
Vin = 3.2V
85°C
25°C
2.460
2.470
2.480
2.490
2.500
2.510
2.520
2.530
2.540
468
10
12
14
16
Vin (V)
V
OUT=2.5V
IL = 10mA
CL = 10µF
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
0
1.0
2.0
3.0
IL (A)
V
OUT=3.3V
Vin = 4.3V
CL = 10µF
85°C
25°C
3.280
3.285
3.290
3.295
3.300
3.305
3.310
0
1.0
2.0
3.0
IL (A)
V
IN = 4.3V
CL = 10µF
V
OUT=3.3V
1.2
1.3
-40
-20
0
20
40
60
80
100
120
Temperature (
o C)
V
OUT=3.3V
1.4
1.5
1.6
1.7
1.8
1.9


Similar Part No. - SPX29302A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29302 SIPEX-SPX29302 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
logo
Exar Corporation
SPX29302 EXAR-SPX29302 Datasheet
648Kb / 10P
   3A Low Dropout Voltage Regulator
SPX29302 EXAR-SPX29302 Datasheet
660Kb / 10P
   3A Low Dropout Voltage Regulator
SPX29302T5-L EXAR-SPX29302T5-L Datasheet
648Kb / 10P
   3A Guaranteed Output Current
More results

Similar Description - SPX29302A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX2730 SIPEX-SPX2730 Datasheet
171Kb / 9P
   3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
National Semiconductor ...
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
[Old version datasheet]   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com