Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM400S-12 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASM400S-12
Description  400W High Density Medical
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASM400S-12 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASM400S-12 Datasheet HTML 1Page - Astrodyne Corporation ASM400S-12 Datasheet HTML 2Page - Astrodyne Corporation ASM400S-12 Datasheet HTML 3Page - Astrodyne Corporation ASM400S-12 Datasheet HTML 4Page - Astrodyne Corporation ASM400S-12 Datasheet HTML 5Page - Astrodyne Corporation ASM400S-12 Datasheet HTML 6Page - Astrodyne Corporation ASM400S-12 Datasheet HTML 7Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
 
 
 
400W High Density Medical/Industrial Grade Open Frame Power Supplies     
ASM400S/BSM400S 
 
Page 2 of 7 
A(B)SM400S series 08-­‐25-­‐15 REV.J                                          
www.astrodynetdi.com                              ©2015 Astrodyne Corporation 
 
 
                                             
 
INPUT SPECIFICATIONS 
Input Voltage Range 
90-­‐264 VAC 
Range of Nominal   
Input Voltages 
100-­‐240 VAC 
Input Frequency 
47-­‐63 Hz (50/60 Hz Nom.) 
Input Current 
4.5 A Max at 115VAC 
2.5A Max at 230VAC 
Inrush Current 
30A Max at 115VAC, 60 Hz 
60A Max at 230VAC, 50 Hz 
Earth Leakage Current 
ASM400S 
300uA Max at 264VAC, 50Hz 
Patient Leakage Current 
BSM400S 
100uA Max at 264VAC, 50Hz 
BF rating 
Input Fusing 
8A fuse in both L and N lines 
Power Factor 
0.95 min., 230VAC 50Hz 
 
MAIN OUTPUT SPECIFICATIONS 
Output Voltage 
12V, 15V, 20V, 24V, 28V, 36V, 
48V or 54V nominal 
Output Power 
400 W Continuous – See temp. 
& Airflow derating curves 
Minimum Load 
No minimum load required 
Set Point Accuracy 
± 1% 
Load Regulation 
± 1% Max, 0 to Full Load 
Line Regulation 
± 0.5% Max, 90 to 264 VAC 
Temp. Drift 
± 0.025 %/°C 
Transient Response 
Excursion 
Less than ± 5% 
50 to 100% Load Step 
1A/us Slew Rate 
Transient Response 
Recovery Time 
 
2ms Max 
50 to 100% Load Step 
1A/us Slew Rate 
Ripple and Noise 
1% pk-­‐pk Max. 20MHz BW 
Measured with 47uF Alum and 
0.1uF Ceramic at output 
 
OVERALL SPECIFICATIONS 
Efficiency 
Refer to Ordering Information 
table 
Standby Power 
<1W 230 VAC 
Start-­‐up Delay 
2s maximum 
Start-­‐up Rise Time 
50ms maximum 
 
OVERALL SPECIFICATIONS (cont.) 
Hold-­‐up Time 
16ms typ. Full Load, 115VAC 
Power Density 
19 W/in³ 
Switching Frequency  200 KHz typ. 
MTBF  
100K hrs. (typ.) per MIL-­‐
HDBK-­‐217F   
 
ISOLATION SPECIFICATIONS 
Input to Output  
4000VAC, 2 MOPP 
Input to Earth  
1500VAC, 1 MOPP 
Output to Earth  
500VAC 
 
PROTECTION 
Over Current 
Inception 
105 to 135% Rated 
Current  
Short Circuit  
Hiccup Mode, Automatic 
recovery 
Over Voltage 
Protection 
130% Vo max. 
Latching, Recycle Input 
to Reset 
Over Temperature 
Protection 
Automatic recovery 
 
MECHANICAL SPECIFICATIONS 
Size  
See Outline Drawings 
for mechanical options 
Weight  
1lbs. (453.6g)  
Input Connector  
Molex 41791 
Input Mating 
Connector 
Housing Molex 2139 
Contact 2478 
Output 
Connector 
See Outline Drawings 
for mechanical options 
Output Mating 
Connector 
See Outline Drawings 
for mechanical options 
 
ENVIRONMENTAL SPECIFICATIONS 
Operating Temp. 
Range  
-­‐20 to +40°C at Full Load 
with derating 
Storage Temp. 
Range  
-­‐40 to +85°C 
Humidity  
0 to 95%, non-­‐condensing 


Similar Part No. - ASM400S-12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM40 ASTRODYNE-ASM40 Datasheet
745Kb / 4P
   40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM40-12 ASTRODYNE-ASM40-12 Datasheet
745Kb / 4P
   40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM40-15 ASTRODYNE-ASM40-15 Datasheet
745Kb / 4P
   40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM40-24 ASTRODYNE-ASM40-24 Datasheet
745Kb / 4P
   40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM40-36 ASTRODYNE-ASM40-36 Datasheet
745Kb / 4P
   40W Ultraminiature Medical Open Frame Switching Power Supplies
More results

Similar Description - ASM400S-12

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SMF4C ZOWIE-SMF4C Datasheet
122Kb / 3P
   High power density 400W TVS
logo
Mean Well Enterprises C...
RPS-400 MEANWELL-RPS-400 Datasheet
1Mb / 10P
   400W Reliable Green Medical Power Supply
logo
Murata Power Solutions ...
MVAC400 MURATA-PS-MVAC400 Datasheet
5Mb / 10P
   400W 3" x 5" High Density AC-DC Power Supply
2022
MVAC400-12AF MURATA-PS-MVAC400-12AF Datasheet
393Kb / 8P
   400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-12AFD MURATA-PS-MVAC400-12AFD Datasheet
393Kb / 8P
   400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-24AFD MURATA-PS-MVAC400-24AFD Datasheet
393Kb / 8P
   400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-24AFT MURATA-PS-MVAC400-24AFT Datasheet
393Kb / 8P
   400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-12AFR MURATA-PS-MVAC400-12AFR Datasheet
393Kb / 8P
   400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-48AF MURATA-PS-MVAC400-48AF Datasheet
393Kb / 8P
   400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-48AFD MURATA-PS-MVAC400-48AFD Datasheet
393Kb / 8P
   400W 3 x 5 High Density AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com