Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM400S-15 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # ASM400S-15
Description  400W High Density Medical
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASM400S-15 Datasheet(HTML) 1 Page - Astrodyne Corporation

  ASM400S-15 Datasheet HTML 1Page - Astrodyne Corporation ASM400S-15 Datasheet HTML 2Page - Astrodyne Corporation ASM400S-15 Datasheet HTML 3Page - Astrodyne Corporation ASM400S-15 Datasheet HTML 4Page - Astrodyne Corporation ASM400S-15 Datasheet HTML 5Page - Astrodyne Corporation ASM400S-15 Datasheet HTML 6Page - Astrodyne Corporation ASM400S-15 Datasheet HTML 7Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 
 
 
400W High Density Medical/Industrial Grade Open Frame Power Supplies     
ASM400S/BSM400S 
 
Page 1 of 7 
A(B)SM400S series 08-­‐25-­‐15 REV.J                                          
www.astrodynetdi.com                              ©2015 Astrodyne Corporation 
 
 
                                             
Medical Safety Approval – 60601-­‐1 3rd Edition – 2 
MOPP 
Class 2 for home use medical applications (BSM400) 
Single output with 5V Auxiliary and 12V fan output                     
400 Watts in compact 3”x 5”x 1.4” footprint                                                                            
High Efficiency, up to 92% @ 230Vac  
High Power Density up to 19W/Inch3 
Universal 90-­‐264 VAC INPUT, 50/60 Hz 
230W rating with natural convection
ORDERING INFORMATION — SEE PAGE 6 
Model 
Output 
Voltage 
Output Current, A 
Forced/Natural 
Convection 
5V Aux. A 
Forced/Natural 
Convection 
12V Fan 
Output current, A 
Forced/Natural 
Convection 
Efficiency, 
typ. 
230/115VAC 
A(B)SM400S-­‐12 
12 VDC 
33.3/19.17 
2A/1A 
1A/0.5A 
90/86 
A(B)SM400S-­‐15 
15 VDC 
26.67/15.34 
2A/1A 
1A/0.5A 
90/86 
A(B)SM400S-­‐20 
20 VDC 
20/12.5 
2A/1A 
1A/0.5A 
91/88 
A(B)SM400S-­‐24 
24 VDC 
16.7/10.4 
2A/1A 
1A/0.5A 
91/88 
A(B)SM400S-­‐28 
28 VDC 
14.3/9 
2A/1A 
1A/0.5A 
91/88 
A(B)SM400S-­‐36 
36 VDC 
11.11/7 
2A/1A 
1A/0.5A 
91/88 
A(B)SM400S-­‐48 
48 VDC 
8.33/5.2 
2A/1A 
1A/0.5A 
91/88 
A(B)SM400S-­‐54 
54 VDC 
7.4/4.6 
2A/1A 
1A/0.5A 
91/88 
 
PRODUCT DESCRIPTION 
The Astrodyne ASM and BSM 400 Series are miniature open frame power supplies designed for medical applications.  
The ASM400 is Class 1 and BSM400 is Class 2 with 2 MOPP (method of patient protection) isolation and BF leakage 
current and have been certified by Underwriters Laboratories for compliance with the latest edition of the international 
medical safety standard, IEC 60601-­‐1 3rd Edition using the CB reporting scheme.  They are also certified to be compliant 
with the collateral standard 60601-­‐1-­‐2 for EMC and bear the UL Recognized component marks for North America and 
the EU and the CE mark.   
 
These products operate over the input voltage range of 90 to 264 VAC and 50, 60Hz frequency and produce  
400 Watts of regulated DC output power in a standard 3 x 5 (inch) form factor that is 1U height compatible.
   


Similar Part No. - ASM400S-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM40 ASTRODYNE-ASM40 Datasheet
745Kb / 4P
   40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM40-12 ASTRODYNE-ASM40-12 Datasheet
745Kb / 4P
   40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM40-15 ASTRODYNE-ASM40-15 Datasheet
745Kb / 4P
   40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM40-24 ASTRODYNE-ASM40-24 Datasheet
745Kb / 4P
   40W Ultraminiature Medical Open Frame Switching Power Supplies
ASM40-36 ASTRODYNE-ASM40-36 Datasheet
745Kb / 4P
   40W Ultraminiature Medical Open Frame Switching Power Supplies
More results

Similar Description - ASM400S-15

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SMF4C ZOWIE-SMF4C Datasheet
122Kb / 3P
   High power density 400W TVS
logo
Mean Well Enterprises C...
RPS-400 MEANWELL-RPS-400 Datasheet
1Mb / 10P
   400W Reliable Green Medical Power Supply
logo
Murata Power Solutions ...
MVAC400 MURATA-PS-MVAC400 Datasheet
5Mb / 10P
   400W 3" x 5" High Density AC-DC Power Supply
2022
MVAC400-12AF MURATA-PS-MVAC400-12AF Datasheet
393Kb / 8P
   400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-12AFD MURATA-PS-MVAC400-12AFD Datasheet
393Kb / 8P
   400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-24AFD MURATA-PS-MVAC400-24AFD Datasheet
393Kb / 8P
   400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-24AFT MURATA-PS-MVAC400-24AFT Datasheet
393Kb / 8P
   400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-12AFR MURATA-PS-MVAC400-12AFR Datasheet
393Kb / 8P
   400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-48AF MURATA-PS-MVAC400-48AF Datasheet
393Kb / 8P
   400W 3 x 5 High Density AC-DC Power Supply Converter
MVAC400-48AFD MURATA-PS-MVAC400-48AFD Datasheet
393Kb / 8P
   400W 3 x 5 High Density AC-DC Power Supply Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com