Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-011193 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-011193
Description  4 W Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-011193 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAP-011193 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-011193 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-011193 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-011193 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-011193 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-011193 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-011193 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-011193 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-011193 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
4 W Power Amplifier
7.7 - 8.5 GHz
Rev. V1
MAAP-011193
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: Freq. = 7.7 - 8.5 GHz, VD = 8 V, IDQ
4 = 2000 mA, TA = +25C
Parameter
Units
Min.
Typ.
Max.
Small Signal Gain
dB
17
20
22.5
Input Return Loss
dB
12
Output Return Loss
dB
12
Power @ 1 dB Gain Compression, P1dB
dB
35.5
Power @ 3 dB Gain Compression, P3dB
dBm
36
Saturated Output Power, PSAT
dBm
35.5
36.5
Output IP3, 25.5 dBm SCL @ Freq = 8.1 GHz
dBm
43.5
46.5
Drain Bias voltage
V
8.0
Drain Current
mA
2000
Gate Voltage
V
-1.5
-0.5
Parameter
Absolute Max.
Input Power
25 dBm
Drain Voltage (VD1,2)
+9 V
Gate Voltage (VG1,2)
-3 V
Continuous Power
Dissipation @ 85ºC
33.3 W
Junction Temperature
(max.)
+175ºC
Junction Temperature
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings5,6,7
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
Class 1A HBM devices.
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. MACOM does not recommend sustained operation near
these survivability limits.
7. Operating at nominal conditions with TJ ≤ 150°C will ensure
MTTF > 1 x 106 hours. Channel temperature should be kept
as low as possible to maximize lifetime.
4. Adjust VG1 and VG2 between -1.2 and -0.7 V to achieve specified IDQ (IDQ=ID1+ID2). VG1 and VG2 should be the same voltage.


Similar Part No. - MAAP-011193

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
More results

Similar Description - MAAP-011193

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011139 MA-COM-MAAP-011139 Datasheet
1Mb / 12P
   Power Amplifier, 4 W
MAAP-011161 MA-COM-MAAP-011161 Datasheet
1,009Kb / 11P
   4 W Power Amplifier
MAAP-011139-DIE MA-COM-MAAP-011139-DIE Datasheet
1Mb / 12P
   Power Amplifier, 4 W
logo
NXP Semiconductors
CGY2013G PHILIPS-CGY2013G Datasheet
86Kb / 12P
   GSM 4 W power amplifier
1998 Jan 23
logo
M/A-COM Technology Solu...
MAAP-015016 MA-COM-MAAP-015016 Datasheet
1Mb / 10P
   Ka-Band 4 W Power Amplifier
MAAP-015016 MA-COM-MAAP-015016_15 Datasheet
867Kb / 11P
   Ka-Band 4 W Power Amplifier
logo
Hitachi Semiconductor
HA13122 HITACHI-HA13122 Datasheet
192Kb / 7P
   DUAL 4 W AIUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA1015 PHILIPS-TDA1015 Datasheet
253Kb / 13P
   1 to 4 W audio power amplifier
November 1982
logo
Analog Devices
HMC1121 AD-HMC1121 Datasheet
390Kb / 15P
   4 W, GaAs, pHEMT, MMIC Power Amplifier
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
   4 x 13 W dual/quad power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com