Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-015030-DIEEV2 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-015030-DIEEV2
Description  Power Amplifier, 13 W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-015030-DIEEV2 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAP-015030-DIEEV2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-015030-DIEEV2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-015030-DIEEV2 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-015030-DIEEV2 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-015030-DIEEV2 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-015030-DIEEV2 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-015030-DIEEV2 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-015030-DIEEV2 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-015030-DIEEV2 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Power Amplifier, 13 W
8.5 - 11.75 GHz
Rev. V4
MAAP-015030
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Typical Performance Curves over Voltage
Gain vs. Frequency
Input Return Loss vs. Frequency
Output Return Loss vs. Frequency
Reverse Isolation vs. Frequency
10
15
20
25
30
8
9
10
11
12
VG = 0.8 V
VG = 0.9 V
VG = 1.0 V
Frequency (GHz)
-80
-70
-60
-50
-40
-30
-20
8
9
10
11
12
VG = 0.8 V
VG = 0.9 V
VG = 1.0 V
Frequency (GHz)
-20
-15
-10
-5
0
8
9
10
11
12
VG = 0.8 V
VG = 0.9 V
VG = 1.0 V
Frequency (GHz)
-20
-15
-10
-5
0
8
9
10
11
12
VG = 0.8 V
VG = 0.9 V
VG = 1.0 V
Frequency (GHz)


Similar Part No. - MAAP-015030-DIEEV2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-015030 MA-COM-MAAP-015030 Datasheet
1Mb / 10P
   Power Amplifier
More results

Similar Description - MAAP-015030-DIEEV2

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2239 TRIQUINT-TGA2239_15 Datasheet
681Kb / 15P
   13 15.5 GHz 35 W GaN Power Amplifier
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
   4 x 13 W dual/quad power amplifier
STA540 STMICROELECTRONICS-STA540_12 Datasheet
344Kb / 25P
   4 x 13 W dual/quad power amplifier
logo
Qorvo, Inc
TGA2239 QORVO-TGA2239 Datasheet
535Kb / 15P
   13 ??15.5 GHz 35 W GaN Power Amplifier
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540_V01 Datasheet
342Kb / 25P
   4 x 13 W dual/quad power amplifier
April 2012
logo
NXP Semiconductors
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
logo
United Monolithic Semic...
CHA6252-QFG UMS-CHA6252-QFG Datasheet
467Kb / 12P
   13-15.5GHz Power Amplifier
CHA6252-QFG UMS-CHA6252-QFG_15 Datasheet
478Kb / 12P
   13-15.5GHz Power Amplifier
CHA5042 UMS-CHA5042 Datasheet
92Kb / 6P
   13-16GHz High Power Amplifier
CHA6042 UMS-CHA6042 Datasheet
90Kb / 6P
   13-16GHz High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com