Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-015036-DIEEV1 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-015036-DIEEV1
Description  Dual Sided Bias Architecture
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-015036-DIEEV1 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAP-015036-DIEEV1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-015036-DIEEV1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-015036-DIEEV1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-015036-DIEEV1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-015036-DIEEV1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-015036-DIEEV1 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-015036-DIEEV1 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-015036-DIEEV1 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-015036-DIEEV1 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Power Amplifier, 15 W
8.5 - 10.5 GHz
Rev. V1
MAAP-015036
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 15 W Power Amplifier
 42 dBm Saturated Pulsed Output Power
 17 dB Large Signal Gain
 PSAT >40% Power Added Efficiency
 Dual Sided Bias Architecture
 On Chip Bias Circuit
 100% On-Wafer DC, RF and Output Power
Testing
 100% Visual Inspection to MIL-STD-883 Method
2010
Description
The MAAP-015036 is a two stage GaAs MMIC
power amplifier operating from 8.5 - 10.5 GHz, with
a saturated pulsed output power of 42 dBm and a
large signal gain of 18 dB.
This power amplifier uses GaAs pHEMT device
technology and is based upon optical gate
lithography to
ensure
high
repeatability
and
uniformity.
The chip has surface passivation for
protection and backside via holes and gold
metallisation to allow a conductive epoxy die attach
process.
This device is well suited for communications, Point
to Point radio and radar applications.
Ordering Information
MAAP-015036-DIE
Die in Gel Pack1
MAAP-015036-DIEEV1
Sample Board
Direct Gate Bias
MAAP-015036-DIEEV2
Sample Board
On-Chip Gate Bias
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Functional Schematic
1
VG1
15
VD2
2
GND
16
GND
3
VSS1
17
GND
4
V1_5
18
VD1
5
GND
19
VG2
6
VSS2
20
GND
7
V2_5
21
V2_5
8
GND
22
VSS2
9
VG2
23
GND
10
VD1
24
V1_5
11
GND
25
VSS1
12
GND
26
GND
13
VD2
27
VG1
14
RFOUT
28
RFIN
1. Die quantity varies.
Pin Configuration2
2. Backside metal is RF, DC and thermal ground.


Similar Part No. - MAAP-015036-DIEEV1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-015030 MA-COM-MAAP-015030 Datasheet
1Mb / 10P
   Power Amplifier
MAAP-015030-DIE MA-COM-MAAP-015030-DIE Datasheet
1Mb / 12P
   Power Amplifier, 13 W
MAAP-015030-DIEEV1 MA-COM-MAAP-015030-DIEEV1 Datasheet
1Mb / 12P
   Power Amplifier, 13 W
MAAP-015030-DIEEV2 MA-COM-MAAP-015030-DIEEV2 Datasheet
1Mb / 12P
   Power Amplifier, 13 W
MAAP-015030 MA-COM-MAAP-015030_15 Datasheet
1Mb / 12P
   Power Amplifier, 13 W
More results

Similar Description - MAAP-015036-DIEEV1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-015024 MA-COM-MAAP-015024 Datasheet
1,010Kb / 8P
   Dual Sided Bias Architecture
logo
International Rectifier
IRF6715MPBF IRF-IRF6715MPBF_15 Datasheet
282Kb / 9P
   Dual Sided Cooling Compatible
IRF8308MPBF IRF-IRF8308MPBF_15 Datasheet
271Kb / 10P
   Dual Sided Cooling Compatible
IRF6716MPBF IRF-IRF6716MPBF_15 Datasheet
280Kb / 9P
   Dual Sided Cooling Compatible
IRF6714MPBF IRF-IRF6714MPBF_15 Datasheet
261Kb / 9P
   Dual Sided Cooling Compatible
IRF8302MPBF IRF-IRF8302MPBF_15 Datasheet
274Kb / 9P
   Dual Sided Cooling Compatible
logo
Leshan Radio Company
LMUN5232DW1T1G LRC-LMUN5232DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5234DW1T1G LRC-LMUN5234DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
logo
Yea Shin Technology Co....
MUN5211DW YEASHIN-MUN5211DW Datasheet
994Kb / 10P
   Dual Bias ResistorTransistors
logo
Leshan Radio Company
LMUN5213DW1T1G LRC-LMUN5213DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com