Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1117R-3.3 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SPX1117R-3.3
Description  800mA Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1117R-3.3 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SPX1117R-3.3 Datasheet HTML 7Page - Sipex Corporation SPX1117R-3.3 Datasheet HTML 8Page - Sipex Corporation SPX1117R-3.3 Datasheet HTML 9Page - Sipex Corporation SPX1117R-3.3 Datasheet HTML 10Page - Sipex Corporation SPX1117R-3.3 Datasheet HTML 11Page - Sipex Corporation SPX1117R-3.3 Datasheet HTML 12Page - Sipex Corporation SPX1117R-3.3 Datasheet HTML 13Page - Sipex Corporation SPX1117R-3.3 Datasheet HTML 14Page - Sipex Corporation SPX1117R-3.3 Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Date: 8/25/04
SPX1117 800mA Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 3 PIN TO-252
4
3
2
1
E
b
2
-A-
L
2
D
L
3
L
1
b
1
e
-C-
e1
D
1
E
1
BACK VIEW A-A
TERM 4
C
.010
M
A M
3 PLCS
-B-
A
A
1
C
1
c
8
A
A
SEATING
PLANE
H
L
NOTES
1. Refer To Applicable Symbol List.
2. Dimensions And Tolerancing Per Ansi Y14.5m - 1982.
3. Lead Dimension Uncontrolled in L3
4. Tab Contour Optional Within Dim. b2 & L2 And E1 & D1
5. D1 & E1 Establishes A Minimum Mounting Surface for
Terminal 4.
6. L is the Termal Length for Soldering.
7. Controlling Dimension: Inch
8. 2 Mils Suggested For Postive Contact At Mounting.
S
Y
M
B
O
L
MIN.
N
O
T
E
INCHES
MAX
MIN.
MAX
0.098
0.180
2.184
0.889
0.635
7.620
5.207
0.457
0.457
5.969
4.318
6.350
4.318
9.398
0.508
0.635
0.889
1.143
4
4,5
4,5
6
4
3
MM
2.3876
1.143
0.889
1.143
5.461
0.5842
0.5842
6.223
-
6.731
-
10.414
-
1.016
1.270
1.524
A
A1
b
b1
b2
c
c1
D
D1
E
E1
e
e1
H
L
L1
L2
L3
0.086
0.035
0.025
0.300
0.205
0.018
0.018
0.235
0.170
0.250
0.170
0.370
0.020
0.025
0.035
0.045
0.094
0.045
0.035
0.045
0.215
0.023
0.023
0.245
-
0.265
-
0.410
-
0.040
0.050
0.060
2.489
4.572


Similar Part No. - SPX1117R-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1117R-3.3 SIPEX-SPX1117R-3.3 Datasheet
168Kb / 10P
   800mA Low Dropout Regulator
More results

Similar Description - SPX1117R-3.3

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117_07 Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND1117 LINEAR_DIMENSIONS-LND1117 Datasheet
169Kb / 7P
   800mA Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com