Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2815T-2.5 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX2815T-2.5
Description  1.5A Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2815T-2.5 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX2815T-2.5 Datasheet HTML 1Page - Sipex Corporation SPX2815T-2.5 Datasheet HTML 2Page - Sipex Corporation SPX2815T-2.5 Datasheet HTML 3Page - Sipex Corporation SPX2815T-2.5 Datasheet HTML 4Page - Sipex Corporation SPX2815T-2.5 Datasheet HTML 5Page - Sipex Corporation SPX2815T-2.5 Datasheet HTML 6Page - Sipex Corporation SPX2815T-2.5 Datasheet HTML 7Page - Sipex Corporation SPX2815T-2.5 Datasheet HTML 8Page - Sipex Corporation SPX2815T-2.5 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Date: 5/17/04
SPX2815 1.5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
1000000
Frequency, Hz
Figure 5. Ripple Rejection; Vin=3.3V, Vout=1.8V (adj.),
Iload=200mA
Figure 6. Current Source
LOAD
ADJ
SPX2815
V
IN
C
1
OUT
IN
4.7µF
C
2
I
OUT
R
1
V
REF
R
1
I
OUT =
+
V
OUT
Ripple Rejection
Ripple rejection can be improved by adding a
capacitor between the ADJ pin and ground as
shown in Figure 8. When ADJ pin bypassing
is used, the value of the output capacitor
required increases to its maximum. If the ADJ
pin is not bypassed, the value of the output
capacitor can be lowered to 22
µF for an
electrolytic aluminum capacitor or 10
µF for a
solid tantalum capacitor (Fig 7).
However the value of the ADJ-bypass capaci-
tor should be chosen with respect to the
following equation:
C = 1 / ( 6.28 * F
R * R1 )
Where
C = value of the capacitor in Farads
(select an equal or larger standard value),
F
R = ripple frequency in Hz,
R
1 = value of resistor R1 in Ohms.
If an ADJ-bypass capacitor is used, the
amplitude of the output ripple will be indepen-
dent of the output voltage. If an ADJ-bypass
capacitor is not used, the output ripple will be
proportional to the ratio of the output voltage
to the reference voltage:
M = V
OUT / VREF
Where M = multiplier for the ripple seen when
the ADJ pin is optimally bypassed.
V
REF =1.25V
Ripple rejection for the adjustable version is
shown in Figure 5.
Output Voltage
The output of the adjustable regulator can be
set to any voltage between 1.25V and 15V.
The value of V
OUT can be quickly approxi-
mated using the formula
V
OUT=1.25 *(R1 + R2)/R1
A small correction to this formula is required
depending on the values of resistors R
1 and R2,
since the adjustable pin current (approx
50
µA) flows through R
2. When IADJ is taken
into account, the formula becomes
V
OUT = VREF(1+ (R2/R1)) + IADJ * R2
where
V
REF=1.25V
Layout Considerations
Parasitic line resistance can degrade load
regulation. In order to avoid this, connect R
1
directly to V
OUT as illustrated in Figure 13.
For the same reason, R
2 should be connected
to the negative side of the load.
APPLICATION INFORMATION: Continued


Similar Part No. - SPX2815T-2.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815T-2.5 SIPEX-SPX2815T-2.5 Datasheet
207Kb / 10P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - SPX2815T-2.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086 Datasheet
60Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1086 ETC-CM1086 Datasheet
214Kb / 7P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GE2148 GTM-GE2148 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Rohm
BAXXJC5T ROHM-BAXXJC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1086 ADMOS-AMS1086_08 Datasheet
73Kb / 8P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815 SIPEX-SPX2815_06 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2148 GTM-GJ2148 Datasheet
424Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Exar Corporation
SPX29150T-L-5-0 EXAR-SPX29150T-L-5-0 Datasheet
638Kb / 13P
   1.5A Low Dropout Voltage Regulator
logo
GTM CORPORATION
GE2138 GTM-GE2138 Datasheet
418Kb / 5P
   1.5A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2815AT-L SIPEX-SPX2815AT-L Datasheet
186Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com