Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX29500 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX29500
Description  5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29500 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX29500 Datasheet HTML 1Page - Sipex Corporation SPX29500 Datasheet HTML 2Page - Sipex Corporation SPX29500 Datasheet HTML 3Page - Sipex Corporation SPX29500 Datasheet HTML 4Page - Sipex Corporation SPX29500 Datasheet HTML 5Page - Sipex Corporation SPX29500 Datasheet HTML 6Page - Sipex Corporation SPX29500 Datasheet HTML 7Page - Sipex Corporation SPX29500 Datasheet HTML 8Page - Sipex Corporation SPX29500 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Rev:A Date: 3/8/04
SPX29500/01/02/03 5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
APPLICATION INFORMATION
The SPX29500/01/02/03 incorporates protec-
tion against over-current faults, reversed load
insertion, over temperature operation, and posi-
tive and negative transient voltage.
Thermal Considerations
Although the SPX29500/01/02/03 offers limit-
ing circuitry for overload conditions, it is still
necessary to insure that the maximum junction
temperature is not exceeded in the application.
Heat will flow through the lowest resistance
path, the junction-to-case path. In order to insure
the best thermal flow of the component, proper
mounting is required.
TO-220 Design Example:
Assume that V
IN = 8V, VOUT = 5V, IOUT = 5A, TA
= 50
°C, θ
HA= 1°C/W, θCH= 2°C/W,
and
θ
JC=
2
°C/W, where:
T
A = ambient temperature,
θ
HA= heatsink to ambient thermal
resistance
θ
CH= case to heatsink thermal
resistance
θ
JC = junction to case thermal
resistance
The power calculated under these conditions is:
P
D = (VIN – VOUT) * IOUT = 15W.
And the junction temperature is calculated as
T
J = TA + PD * (θHA + θCH
+
θ
JC) or
T
J = 50 + 15 * (1+2+2) = 125°C
Reliable operation is insured.
Capacitor Requirements
The output capacitor is needed to insure stability
and minimize the output noise. The value of the
capacitor varies with the load.
However, a
minimum value of 22
µF aluminum capacitor
will guarantee stability over all load conditions.
A tantalum capacitor is recommended if a faster
load transient response is needed. If the power
source has a high AC impedance, a 0.1
µF ce-
ramic capacitor between input & ground is rec-
ommended.
Minimum Load Current
To ensure a proper behavior of the regulator
under light load, a minimum load of 10mA for
SPX29500/01/02/03 is required.
Adjustable Regulator Design
The SPX29502/03 are adjustable regulators that
can be programmed to any value between 1.24V
and 16V using 2 resistors, R1 and R2. The
relationship between the resistors is:
R1 = R2(V
OUT/1.24-1).
Error Flag
The SPX29501/03 features an error flag that
indicates either an over current or under voltage
condition. The flag output goes low, sinking
10mA when either condition occurs.
Enable Input
The SPX29501/02 have an Enable function that
switches the regulator on and off. Their thresh-
olds are TTL compatible. Enabling the regulator
requires approximately 20
µA of current.
Typical Application Circuits
Figure 1 represents at typical fixed output regu-
lator. Figure 2 represents an adjustable output
regulator. The values of R1 and R2 set the output
voltage value as follows:
V
OUT =VREF * [1 + (R1/R2)].
For best results, the total series resistance should
guarantee a minimum regulator load current of
10mA.


Similar Part No. - SPX29500

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX29500T-L-1-8 EXAR-SPX29500T-L-1-8 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX29500T-L-2-5 EXAR-SPX29500T-L-2-5 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX29500T-L-3-3 EXAR-SPX29500T-L-3-3 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX29500T-L-5-0 EXAR-SPX29500T-L-5-0 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX29500U-L-1-8 EXAR-SPX29500U-L-1-8 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
More results

Similar Description - SPX29500

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Sipex Corporation
SPX1585AT-L SIPEX-SPX1585AT-L Datasheet
213Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
207Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1084 SIPEX-SPX1084 Datasheet
165Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
logo
Sipex Corporation
SPX1581 SIPEX-SPX1581 Datasheet
81Kb / 7P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581 SIPEX-SPX1581 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com