Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABA-011002-TB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-011002-TB
Description  4:1 Step Down Balun Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-011002-TB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MABA-011002-TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-011002-TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-011002-TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-011002-TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4:1 Step Down Balun Transformer
5 – 200 MHz
Rev. V2
MABA-011002
1
11
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Features
Surface Mount
4:1 Step Down Transformer
Excellent performance under DC bias current,
also when current flows is imbalanced through
outputs
260°C Reflow Compatible
RoHS* Compliant, lead free
Available on Tape and Reel.
Description
MACOM’s MABA-011002 is a 4:1 transformer. This
transformer is ideally suited for CATV Broadband
applications.
Ordering Information
Functional Schematic
Pin Configuration
1
Secondary Dot (output1)
2
Ground (center tap)
3
Secondary (output2)
4
Primary (RF ground)
5
Ground (not used)
6
Primary dot (input)
MABA-011002
Tape & Reel
MABA-011002-TB
Customer Evaluation Board


Similar Part No. - MABA-011002-TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011002-V1 MA-COM-MABA-011002-V1 Datasheet
649Kb / 4P
   4:1 Step Down Transformer
More results

Similar Description - MABA-011002-TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011064 MA-COM-MABA-011064 Datasheet
812Kb / 6P
   4:1 Step down Flux Coupled Balun Transformer
MABA-011063 MA-COM-MABA-011063 Datasheet
764Kb / 6P
   2:1 Step down Flux Coupled Balun Transformer
MABA-011002-V1 MA-COM-MABA-011002-V1 Datasheet
649Kb / 4P
   4:1 Step Down Transformer
MABA-011048 MA-COM-MABA-011048 Datasheet
571Kb / 4P
   4:1 Step Down Transformer
MABA-008354-CF4A40 MA-COM-MABA-008354-CF4A40 Datasheet
98Kb / 3P
   4:1 step down Flux Coupled Transformer
MABA-008354-CF4A40[1] MA-COM-MABA-008354-CF4A40[1] Datasheet
98Kb / 3P
   4:1 step down Flux Coupled Transformer
MABA-009298-CT48A0 MA-COM-MABA-009298-CT48A0 Datasheet
132Kb / 3P
   Transformer, 4:1 Flux coupled balun transformer
MABACT0064 MA-COM-MABACT0064_15 Datasheet
104Kb / 3P
   Transformer, 4:1 Flux coupled balun transformer
MABACT0064 MA-COM-MABACT0064 Datasheet
104Kb / 3P
   Transformer, 4:1 Flux coupled balun transformer
logo
Pulse A Technitrol Comp...
CX2156NL PULSE-CX2156NL Datasheet
104Kb / 1P
   BALUN TRANSFORMER, 1 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com