Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP240DF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP240DF
Description  Mechanical relay replacements
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP240DF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP240DF Datasheet HTML 1Page - Toshiba Semiconductor TLP240DF Datasheet HTML 2Page - Toshiba Semiconductor TLP240DF Datasheet HTML 3Page - Toshiba Semiconductor TLP240DF Datasheet HTML 4Page - Toshiba Semiconductor TLP240DF Datasheet HTML 5Page - Toshiba Semiconductor TLP240DF Datasheet HTML 6Page - Toshiba Semiconductor TLP240DF Datasheet HTML 7Page - Toshiba Semiconductor TLP240DF Datasheet HTML 8Page - Toshiba Semiconductor TLP240DF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLP240D,TLP240DF
1
Photocouplers Photorelay
TLP240D,TLP240DF
TLP240D,TLP240DF
TLP240D,TLP240DF
TLP240D,TLP240DF
Start of commercial production
2013-03
1.
1.
1.
1. Applications
Applications
Applications
Applications
Mechanical relay replacements
Security Systems
Measuring Instruments
Factory Automation (FA)
Amusement Equipment
Smart Meters
Electricity Meters
2.
2.
2.
2. General
General
General
General
The TLP240D and TLP240DF photorelay consist of a photo MOSFET optically coupled to an infrared light emitting
diode. They are housed in a 4-pin DIP package. They provide an isolation voltage of 5000 Vrms, making them
suitable for applications that require reinforced insulation.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Halogen-free
(2)
Normally opened (1-Form-A)
(3)
OFF-state output terminal voltage: 200 V (min)
(4)
Trigger LED current: 3 mA (max)
(5)
ON-state current: 250 mA (max)
(6)
ON-state resistance: 8 Ω (max)
(7)
Isolation voltage: 5000 Vrms (min)
(8)
Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5 (Note 1)
(Note 1)
(Note 1)
(Note 1)
CQC-approved: GB4943.1, GB8898 Japan Factory
Note 1: When an EN60747-5-5 approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
4.
4.
4.
4. Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Mechanical Parameters
Characteristics
Creepage distances
Clearance distances
Internal isolation thickness
7.62-mm Pitch
TLP240D
7.0 (min)
7.0 (min)
0.4 (min)
10.16-mm Pitch
TLP240DF
8.0 (min)
8.0 (min)
0.4 (min)
Unit
mm
2016-01-06
Rev.3.0
©2016 Toshiba Corporation


Similar Part No. - TLP240DF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
   High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
TLP2404 TOSHIBA-TLP2404 Datasheet
267Kb / 11P
   IPM (Intelligent Power Module) Industrial Inverter Operate at high ambient temperatures up to 125째C
TLP2405 TOSHIBA-TLP2405 Datasheet
338Kb / 14P
   Photocouplers GaA?밃s Infrared LED & Photo IC
TLP2408 TOSHIBA-TLP2408 Datasheet
340Kb / 14P
   Photocouplers GaAAs Infrared LED & Photo IC
TLP2409 TOSHIBA-TLP2409 Datasheet
188Kb / 8P
   Photocouplers GaA-As Infrared LED and Photo IC
More results

Similar Description - TLP240DF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3125 TOSHIBA-TLP3125_14 Datasheet
199Kb / 6P
   Replacement for Mechanical-Relay Measurement Instrumentation
logo
Nais(Matsushita Electri...
JQ1-12 NAIS-JQ1-12 Datasheet
107Kb / 5P
   HIGH ELECTRICAL MECHANICAL NOISE IMMUNITY RELAY
logo
Toshiba Semiconductor
TLP3125 TOSHIBA-TLP3125 Datasheet
194Kb / 6P
   Replacement for Mechanical-Relay Measurement Instrumentation
logo
Grayhill, Inc
70M-ODC5R GRAYHILL-70M-ODC5R Datasheet
113Kb / 2P
   Dry Contact and Mechanical Relay Output Modules
logo
Nais(Matsushita Electri...
SF2 NAIS-SF2 Datasheet
338Kb / 7P
   POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
logo
New Jersey Semi-Conduct...
1N144 NJSEMI-1N144 Datasheet
82Kb / 1P
   MECHANICAL
logo
AZ Displays
AGM6448C AZDISPLAYS-AGM6448C Datasheet
531Kb / 13P
   MECHANICAL DATA
AGM3224S AZDISPLAYS-AGM3224S Datasheet
520Kb / 16P
   MECHANICAL DATA
logo
Vishay Siliconix
110E VISHAY-110E Datasheet
143Kb / 3P
   Mechanical Encoder
Revision: 05-Aug-04
logo
Motorola, Inc
MC68HC05F4 MOTOROLA-MC68HC05F4 Datasheet
12Kb / 2P
   MECHANICAL DATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com