Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX29150T-3.3 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX29150T-3.3
Description  1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29150T-3.3 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX29150T-3.3 Datasheet HTML 1Page - Sipex Corporation SPX29150T-3.3 Datasheet HTML 2Page - Sipex Corporation SPX29150T-3.3 Datasheet HTML 3Page - Sipex Corporation SPX29150T-3.3 Datasheet HTML 4Page - Sipex Corporation SPX29150T-3.3 Datasheet HTML 5Page - Sipex Corporation SPX29150T-3.3 Datasheet HTML 6Page - Sipex Corporation SPX29150T-3.3 Datasheet HTML 7Page - Sipex Corporation SPX29150T-3.3 Datasheet HTML 8Page - Sipex Corporation SPX29150T-3.3 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Date:5/25/04
SP29150/51/52/53 1.5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
1.5A Low Dropout Voltage Regulator
Adjustable & Fixed Output, Fast Response Time
SPX29150/51/52/53
DESCRIPTION
FEATURES
■ Adjustable Output Down To 1.25V
■ 1% Output Accuracy
■ Output Current of 1.5A
■ Low Dropout Voltage of 390mV @
1.5A
■ Extremely Tight Load and Line
Regulation
■ Extremely Fast Transient Response
■ Reverse-Battery Protection
■ Zero Current Shutdown (5 pin version)
■ Error Flag Signal Output for Out of
Regulation State (5 pin version)
■ Standard TO-220 and TO-263
Packages
®
The SPX29150/51/52/53 are 1.5A, highly accuracy voltage regulators with a low drop out
voltage of 390mV dropout (typical) @ 1.5A. These regulators are specifically designed for low
voltage applications that require a low dropout voltage and a fast transient response. They
are fully fault protected against over-current, reverse battery, and positive and negative
voltage transients. On-Chip trimming adjusts the reference voltage to 1% initial accuracy.
Other features in the 5 pin versions include Enable, and Error Flag.
The SPX29150/51/52/53 is offered in 3 & 5-pin TO-220 & TO-263 packages. For a 3A version,
refer to the SPX29300 data sheet.
APPLICATIONS
■ Powering VGA & Sound Card
■ LCD Monitors
■ USB Power Supply
■ Power PC™ Supplies
■ SMPS Post Regulator
■ High Efficiency “Green” Computer
Systems
■ High Efficiency Linear Power Supplies
■ Portable Instrumentation
■ Constant Current Regulators
■ Adjustable Power Supplies
■ Battery Charger
SPX29150
VOUT
V
IN
6.8 F
+
+ 10 F
1
2
3
SPX29152
VOUT
VIN
GND
ADJ
1
2
3
4
5
R1
R2
6.8 F
++ 10 F
Figure 1. Fixed Output Linear Regulator
Figure 2. Adjustable Output Linear Regulator
TYPICAL APPLICATION CIRCUIT
Now Available in Lead Free Packaging
Refer to page 8 for pinouts.


Similar Part No. - SPX29150T-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX29150T-3.3 SIPEX-SPX29150T-3.3 Datasheet
181Kb / 9P
   1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - SPX29150T-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1086 SIPEX-SPX1086 Datasheet
194Kb / 7P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2815 SIPEX-SPX2815 Datasheet
207Kb / 10P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Calogic, LLC
CLM2815 CALOGIC-CLM2815 Datasheet
84Kb / 6P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
logo
Sipex Corporation
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
   1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com