Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM10E50A01 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # ZM10E50A01
Description  Switches with 10.1 A rating are only available with G operating force
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ZM10E50A01 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  ZM10E50A01 Datasheet HTML 1Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MICRO SWITCH™ ZM Series Subminiature Switch
Product Nomenclature
004976-3-EN IL50
GLO
January 2015
Copyright © 2015 Honeywell International Inc. All Rights Reserved.
For example, a ZM50E10E01 part number would define a MICRO SWITCH™ ZM Series subminiature switch with a simulated roller lever,
rated at 5 A, SPDT, 146 g max. operating force, and straight solder terminals
ZM
Switch Type
Current
Rating
50
Circuitry
01 SPDT
03 SPNO
04 SPNC
NOTES:
1
Switches with 10.1 A rating are only available with “G” operating force.
2
Terminal Type “99” or Actuator Type “S” designates a special and therefore requires
a special designator character(s) at the end of the listing.
Operating Force
(at pin plunger)
E
ZM
Series
Subminiature
Basic
Switch
10
PCB,
left angle
PCB,
right angle
PCB, straight
Solder,
straight
Terminal
Type
B
20
Pin plunger
C
50
60
D
70 Quick connect
0.110 in
Actuator Type
(Integral Levers)
10
A
E
01
99 SPECIAL2
A special designator
character(s) is used
when there is a special
modification to the
switch. A special
designator is required
when Terminal Type
is “99” or Actuator
Type is “S”.
Special
Designator2
10
Short straight
lever, 16,7 mm
[0.66 in] length
K
J
F
H
E
M
L
S SPECIAL lever2
0.1 A 125 Vac
(Gold-plated
contacts)
5 A; 125 Vac/
250 Vac
90
50
10.1 A; 125 Vac/
250 Vac1
Not all combinations of model code are available.
Please contact your Honeywell representative or distributor for assistance.
Standard straight
lever, 18,7 mm
[0.74 in] length
Long straight lever,
24,8 mm [0.98 in]
length
Stnd sim. roller lever,
18,0 mm [0.71 in] length
R 2,75 mm
Roller lever, 16,6 mm
[0.65 in] length
Ø4,8 mm roller
Small sim. roller lever,
17,9 mm [0.70 in] length
R 1,3 mm
Extended straight lever,
55,2 mm [2.17 in]
length
Straight lever,
35,2 mm [1.39 in]
length
L-shaped lever,
31,5 mm [1.24 in]
length
Large sim. roller lever,
21,1 mm [0.83 in] length
R 2,45 mm
B
D
E
G
60 g max.
104 g max.
146 g max.
249 g max.
D
E
G
104 g max.
146 g max.
249 g max.
G 249 g max.


Similar Part No. - ZM10E50A01

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
ZM10E50A01 HONEYWELL-ACC-ZM10E50A01 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Subminiature Snap-Action Z Series
logo
Honeywell Solid State E...
ZM10E50A01 HONEYWELL-ZM10E50A01 Datasheet
1Mb / 12P
   Small size and light weight switches lend themselves to numerous potential applications
More results

Similar Description - ZM10E50A01

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DT1A-A1AA HIROSE-DT1A-A1AA Datasheet
663Kb / 3P
   Snap-Action Switches Light operating force
logo
CITIZEN ELECTRONICS CO....
LS71 CITIZEN-LS71 Datasheet
429Kb / 1P
   Switch operating force
LS8 CITIZEN-LS8_12 Datasheet
435Kb / 1P
   Switch operating force
LS155 CITIZEN-LS155 Datasheet
431Kb / 1P
   Switch operating force
LS127 CITIZEN-LS127 Datasheet
430Kb / 1P
   Switch operating force
LS75 CITIZEN-LS75 Datasheet
431Kb / 1P
   Switch operating force
LS14 CITIZEN-LS14 Datasheet
437Kb / 1P
   Switch operating force
LS12 CITIZEN-LS12_12 Datasheet
432Kb / 1P
   Switch operating force
LS95 CITIZEN-LS95 Datasheet
431Kb / 1P
   Switch operating force
LS70 CITIZEN-LS70 Datasheet
454Kb / 1P
   Switch operating force
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com