Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABA-011050-TB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-011050-TB
Description  Available on tape and reel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-011050-TB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABA-011050-TB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-011050-TB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-011050-TB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-011050-TB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1:2 Transformer
5 – 300 MHz
Rev. V2
MABA-011050
2
22
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Electrical Specifications: TA = 25°C, Z0 = 75 Ω, Pin = 0dBm
Recommended Maximum Ratings
Parameter
Units
Min
Max
Input Power
mW
250
DC Current
mA
600
Operating Temperature Range
ºC
-40
+125
Full temperature plots available on request
Parameter
Conditions
Units
Min
Typ
Max
Frequency Range
MHz
5
300
Impedance
Ω
75
Impedance Ratio
1:2
Insertion Loss 1
(Pin1 - Pin2)
5 - 150 MHz
150 - 300 MHz
dB
dB
-
-
0.6
0.8
0.8
1.0
Insertion Loss 2
(Pin1 - Pin4)
5 - 300 MHz
dB
-
0.5
0.7
Amplitude Balance
5 - 150 MHz
150 - 300 MHz
dB
dB
-
-
0.1
0.2
0.2
0.5
Phase Balance
(Ref value 180˚)
5 - 150 MHz
150 - 300 MHz
ͦ
ͦ
-
-
0.06
0.1
1.0
2.5
Input Return Loss
(Pin1)
5 - 150 MHz
150 - 300 MHz
dB
dB
18
16
19
18
-
-


Similar Part No. - MABA-011050-TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011051 MA-COM-MABA-011051 Datasheet
535Kb / 4P
   Available on tape and reel
MABA-011051-TB MA-COM-MABA-011051-TB Datasheet
535Kb / 4P
   Available on tape and reel
MABA-011056 MA-COM-MABA-011056 Datasheet
760Kb / 5P
   Suitable for DOCSIS 3.1
MABA-011056-TB MA-COM-MABA-011056-TB Datasheet
760Kb / 5P
   Suitable for DOCSIS 3.1
MABA-011057 MA-COM-MABA-011057 Datasheet
776Kb / 5P
   MABA-011057
More results

Similar Description - MABA-011050-TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011016 MA-COM-MABA-011016 Datasheet
665Kb / 5P
   Available on tape and reel
MACP-011032 MA-COM-MACP-011032 Datasheet
676Kb / 5P
   Available on Tape and Reel
MACP-011037 MA-COM-MACP-011037 Datasheet
552Kb / 5P
   Available on Tape and Reel
logo
SunLED Corporation
XLCBD12W SUNLED-XLCBD12W Datasheet
231Kb / 3P
   Available on tape and reel
XLFBB12W SUNLED-XLFBB12W Datasheet
230Kb / 3P
   Available on tape and reel
XLFBB14W SUNLED-XLFBB14W Datasheet
229Kb / 3P
   Available on tape and reel
XLM2DG169W SUNLED-XLM2DG169W Datasheet
229Kb / 3P
   Available on tape and reel
XSCBD43MB SUNLED-XSCBD43MB Datasheet
230Kb / 3P
   Available on tape and reel
logo
M/A-COM Technology Solu...
MABA-010655-CF1A40-V3 MA-COM-MABA-010655-CF1A40-V3 Datasheet
681Kb / 4P
   Available on tape and reel
MAPD-011002 MA-COM-MAPD-011002 Datasheet
717Kb / 5P
   Available on Tape and Reel
MAPD-011039 MA-COM-MAPD-011039 Datasheet
807Kb / 7P
   Available on tape and reel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com