Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM10D20B01 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # ZM10D20B01
Description  Small size and light weight switches lend themselves to numerous potential applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ZM10D20B01 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  ZM10D20B01 Datasheet HTML 1Page - Honeywell Solid State Electronics Center ZM10D20B01 Datasheet HTML 2Page - Honeywell Solid State Electronics Center ZM10D20B01 Datasheet HTML 3Page - Honeywell Solid State Electronics Center ZM10D20B01 Datasheet HTML 4Page - Honeywell Solid State Electronics Center ZM10D20B01 Datasheet HTML 5Page - Honeywell Solid State Electronics Center ZM10D20B01 Datasheet HTML 6Page - Honeywell Solid State Electronics Center ZM10D20B01 Datasheet HTML 7Page - Honeywell Solid State Electronics Center ZM10D20B01 Datasheet HTML 8Page - Honeywell Solid State Electronics Center ZM10D20B01 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MICRO SWITCH™ Standard
Subminiature Snap-Action
Z Series
Snap-Action Switches
0B
DESCRIPTION
The industry-defining name in snap-action switches, Honeywell
MICRO SWITCH™ standard subminiatures are designed for
repeatability and enhanced product life. The MICRO
SWITCH™ Z Series combines small size and light weight with
ample electrical capacity, low cost, and enhanced life.
The MICRO SWITCH™ Z Series consists of six product
families with unique features that can drop right into an
application.
These reliable and rugged switches offer a variety of actuators,
terminations, circuitry configurations, electrical ratings, contact
materials, operating characteristics, and sealing allows them to
be utilized in numerous potential applications.
Carefully manufactured and thoroughly inspected, the MICRO
SWITCH™ Z Series standard subminiatures are a great value
for applications requiring sensing presence or absence of an
object.
FEATURES
• Small size and light weight switches lend themselves to
numerous potential applications
• Choice of low energy or power-duty electrical ratings allow
the switch to be specified in more types of applications
• Broad range of amp ratings (from 0.1 A to 10.1 A)
• Watertight IP67 sealing available on some listings allows
the switch to be used where sealing and presence/absence
detection is required
• UL/CSA, cUL, ENEC, and CE approvals
POTENTIAL APPLICATIONS
• Industrial: Appliances, communication equipment,
computers, electromechanical timers, mechanical cam
assemblies (timers), office equipment, electric tools, HVAC
wall controls, instrumentation, valves, vending machines
• Transportation: Automotive, truck, and boat wire
harnesses; sub-assemblies for convertible roofs; lock
modules for tail-gate/trunk; tank and hood latch detection
• Medical: Medical and hospital beds, foot pedal controls,
and chair lifts
• Applications where a pre-wired sealed on/off switch is
required


Similar Part No. - ZM10D20B01

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ZM10D20B01 HONEYWELL-ZM10D20B01 Datasheet
901Kb / 1P
   Switches with 10.1 A rating are only available with G operating force
More results

Similar Description - ZM10D20B01

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NVF4-1C HUAXINAN-NVF4-1C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-8 HUAXINAN-NVF4-8 Datasheet
518Kb / 1P
   Small size and light weight.
logo
CIT Relay & Switch
A51AS12VDC1.6U CIT-A51AS12VDC1.6U Datasheet
117Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2U HUAXINAN-NVF4-2U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-1U HUAXINAN-NVF4-1U Datasheet
1Mb / 1P
   Small size and light weight
NVF4-2A HUAXINAN-NVF4-2A Datasheet
1Mb / 1P
   Small size and light weight
logo
CIT Relay & Switch
A16 CIT-A16 Datasheet
110Kb / 2P
   Small size and light weight
J107E3 CIT-J107E3 Datasheet
96Kb / 3P
   Small size and light weight
logo
HuaXinAn Electronics CO...
NVF4-2C HUAXINAN-NVF4-2C Datasheet
1Mb / 1P
   Small size and light weight
NVF4-7 HUAXINAN-NVF4-7 Datasheet
518Kb / 1P
   Small size and light weight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com