Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2810T Datasheet(PDF) 8 Page - Sipex Corporation

Part # SPX2810T
Description  1A Low Dropout Positive Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2810T Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SPX2810T Datasheet HTML 4Page - Sipex Corporation SPX2810T Datasheet HTML 5Page - Sipex Corporation SPX2810T Datasheet HTML 6Page - Sipex Corporation SPX2810T Datasheet HTML 7Page - Sipex Corporation SPX2810T Datasheet HTML 8Page - Sipex Corporation SPX2810T Datasheet HTML 9Page - Sipex Corporation SPX2810T Datasheet HTML 10Page - Sipex Corporation SPX2810T Datasheet HTML 11Page - Sipex Corporation SPX2810T Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Date: 5/25/04
SPX2810 1A Low Dropout Linear Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 3 PIN SOT-223
See detail
A
C
b2
c
GAUGE
PLANE
SEATING
PLANE
H
A
A1
L
C
0
E
D
1
e
E1
C
C
N
B
B
b2
b
Section C-C
-
-
1.80
0.02
-
0.10
Dimensions in (mm)
3 PIN SOT-223
JEDEC TO-261
(AA) Variation
6.50
6.70
7.00
7.30
A
A1
D
E
E1
e
L
MIN
NOM MAX
c
0.23
0.30
0.35
6.30
6.70
ø
-
10º
A2
1.50
1.60
1.70
0.66
0.76
0.84
b
b2
2.90
3.00
3.10
3.30
3.50
3.70
2.30 BASIC
e1
4.60 BASIC
0.75
-
-
c
WITH PLATING
BASE METAL
b
Section B-B
3 PIN SOT-223


Similar Part No. - SPX2810T

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2810T SIPEX-SPX2810T Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810T-1.5 SIPEX-SPX2810T-1.5 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810T-2.5 SIPEX-SPX2810T-2.5 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810T-3.0 SIPEX-SPX2810T-3.0 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810T-3.3 SIPEX-SPX2810T-3.3 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - SPX2810T

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
   1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
   1A Low Dropout Positive Regulator
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com