Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3230 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3230
Description  Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3230 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3230_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP3230_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP3230_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP3230_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP3230_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP3230_14 Datasheet HTML 6Page - Toshiba Semiconductor TLP3230_14 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP3230
2014-09-01
1
TOSHIBA PHOTOCOUPLER PHOTO RELAY
TLP3230
Measuring Instruments
Logic IC Testers / Memory Testers
Board Testers / Scanners
The TOSHIBA TLP3230 is an ultra-small photorelay suitable for
surface-mount assembly. The TLP3230 consists of a GaAs infrared-
emitting diode optically coupled to a photo-MOSFET and is housed in a
4-pin package.
Its features include low Off-state current and low output pin capacitance,
enabling it to be used for high-frequency measuring instrument
applications.
Features
• 4-pin SSOP (SSOP4): 1.8-mm high, 1.27-mm pitch
• 1-Form-A
• Peak Off-State Voltage: 20 V (min)
• Trigger LED Current: 4 mA (max)
• On-State Current: 160 mA (max)
• On-State Resistance: 8 Ω (max), 5 Ω (typ.)
• Output Capacitance: 2.5 pF (max), 1.0 pF (typ.)
• Isolation Voltage: 1500 Vrms (min)
Pin Configuration (Top View)
Schematic
1 : ANODE
2 : CATHODE
3 : DRAIN
4 : DRAIN
1
2
4
3
1
2
4
3
Unit: mm
4.2
3.65
0.2
0.2
3.8
0.3
φ
1.4
(0.46)
2.04
1.27
1.9
JEDEC
JEITA
TOSHIBA
11-2B1
Weight: 0.03 g (typ.)
Start of commercial production
2002/09


Similar Part No. - TLP3230_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3230 TOSHIBA-TLP3230_07 Datasheet
249Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3230 TOSHIBA-TLP3230_08 Datasheet
185Kb / 7P
   PHOTOCOUPLER PHOTO RELAY
More results

Similar Description - TLP3230_14

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3231 TOSHIBA-TLP3231_14 Datasheet
273Kb / 7P
   Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3250 TOSHIBA-TLP3250_14 Datasheet
281Kb / 7P
   Measurement Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP209D TOSHIBA-TLP209D_14 Datasheet
156Kb / 4P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3115 TOSHIBA-TLP3115_14 Datasheet
192Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3113 TOSHIBA-TLP3113 Datasheet
156Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS MEMORY TESTERS BOARD TESTERS SCANNERS
TLP3230 TOSHIBA-TLP3230 Datasheet
199Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3111 TOSHIBA-TLP3111_14 Datasheet
198Kb / 6P
   Measurement Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP3121 TOSHIBA-TLP3121 Datasheet
142Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com