Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABA-011063 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-011063
Description  2:1 Step down Flux Coupled Balun Transformer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-011063 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABA-011063 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-011063 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-011063 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-011063 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MABA-011063 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MABA-011063 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
2:1 Step down Flux Coupled Balun Transformer
5 – 300 MHz
Rev. V2
MABA-011063
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Electrical Specifications: TA = 25°C, Z0 = 75 Ω, Pin = 0dBm
Frequency Range
MHz
5
-
300
-
Impedance
Ω
-
75
-
-
Impedance Ratio
-
-
2:1
-
-
Insertion Loss 1
(Pin1 - Pin5)
dB
dB
dB
-
-
-
0.3
0.5
1.3
0.5
1.0
2.6
5 - 50 MHz
50 - 150 MHz
150 - 300 MHz
Insertion Loss 2
(Pin1 - Pin3)
dB
dB
dB
-
-
-
0.2
0.5
1.1
0.5
1.0
2.3
5 - 50 MHz
50 - 150 MHz
150 - 300 MHz
Amplitude Balance
dB
dB
dB
-
-
-
0.01
0.01
0.2
±0.2
±0.4
±1.1
5 - 50 MHz
50 - 150 MHz
150 - 300 MHz
Phase Balance
(ref value 180˚)
°
°
°
-
-
-
0.2
1.3
1.8
±2.0
±5.0
±7.0
5 - 50 MHz
50 - 150 MHz
150 - 300 MHz
Input Return Loss
(Pin1)
dB
dB
dB
18
10
5
24
15
9
-
-
-
5 - 50 MHz
50 - 150 MHz
150 - 300 MHz
Recommended Maximum Ratings
Input Power
mW
-
1000
DC Current
mA
-
1000
Operating Temperature Range
ºC
-40
+125
Full temperature plots available on request


Similar Part No. - MABA-011063

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011062 MA-COM-MABA-011062 Datasheet
834Kb / 6P
   1:2 Step up Flux Coupled Balun Transformer
MABA-011062-TB MA-COM-MABA-011062-TB Datasheet
834Kb / 6P
   1:2 Step up Flux Coupled Balun Transformer
MABA-011064 MA-COM-MABA-011064 Datasheet
812Kb / 6P
   4:1 Step down Flux Coupled Balun Transformer
MABA-011064-TB MA-COM-MABA-011064-TB Datasheet
812Kb / 6P
   4:1 Step down Flux Coupled Balun Transformer
More results

Similar Description - MABA-011063

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011064 MA-COM-MABA-011064 Datasheet
812Kb / 6P
   4:1 Step down Flux Coupled Balun Transformer
MABA-011062 MA-COM-MABA-011062 Datasheet
834Kb / 6P
   1:2 Step up Flux Coupled Balun Transformer
MABA-009776-CF28A0 MA-COM-MABA-009776-CF28A0 Datasheet
129Kb / 3P
   2:1 Flux Coupled Balun Transformer
MABA-009776-CF28A0 MA-COM-MABA-009776-CF28A0_15 Datasheet
129Kb / 3P
   2:1 Flux Coupled Balun Transformer
MABA-011038 MA-COM-MABA-011038 Datasheet
824Kb / 6P
   1:3 Step up Flux Coupled Balun Transformer
MABA-011040 MA-COM-MABA-011040 Datasheet
806Kb / 6P
   1:6 Step up Flux Coupled Balun Transformer
MABA-009852-CF1A40-V5 MA-COM-MABA-009852-CF1A40-V5 Datasheet
629Kb / 4P
   1:1 Flux coupled Balun Transformer
MABA-009852-CF1A40 MA-COM-MABA-009852-CF1A40_15 Datasheet
629Kb / 4P
   1:1 Flux coupled Balun Transformer
MABA-008965-CF1160 MA-COM-MABA-008965-CF1160 Datasheet
97Kb / 3P
   1:1 Flux Coupled Balun Transformer
MABA-009005-CF1A40 MA-COM-MABA-009005-CF1A40 Datasheet
94Kb / 3P
   1:1 Flux Coupled Balun Transformer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com