Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3312 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP3312
Description  Battery Control Measuring Instruments Logic IC Testers / Memory Testers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3312 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP3312 Datasheet HTML 1Page - Toshiba Semiconductor TLP3312 Datasheet HTML 2Page - Toshiba Semiconductor TLP3312 Datasheet HTML 3Page - Toshiba Semiconductor TLP3312 Datasheet HTML 4Page - Toshiba Semiconductor TLP3312 Datasheet HTML 5Page - Toshiba Semiconductor TLP3312 Datasheet HTML 6Page - Toshiba Semiconductor TLP3312 Datasheet HTML 7Page - Toshiba Semiconductor TLP3312 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TLP3312
2014-09-01
5
tON,tOFF ─ I F
tON,tOFF ─ Ta
Forward current I F (mA)
Ambient temperature Ta (
°C)
I OFF ─ VOFF
C OFF ─ VOFF
Off-state output voltage VOFF (V)
Off-state output voltage VOFF (V)
*: The above graphs show typical characteristics.
1
10
100
1000
10000
1
10
100
VDD = 20V
RL = 200Ω
Ta = 25℃
100
1000
-40
-20
0
20
40
60
80
100
VDD = 20V
RL = 200Ω
IF = 5mA
500
0
10
20
30
0
10
203040
5060
Ta = 25℃
0.0
0.2
0.4
0.6
0.8
1.0
010
20
30
40
Ta = 25℃
t OFF
t ON
t OFF
t ON


Similar Part No. - TLP3312

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP331 TOSHIBA-TLP331 Datasheet
192Kb / 8P
   Office Machine Household Use Equipment Programmable Controllers AC / DC-Input Module Telecommunication
TLP331 TOSHIBA-TLP331 Datasheet
193Kb / 8P
   GaAs Ired & Photo−Transistor
TLP3315 TOSHIBA-TLP3315 Datasheet
200Kb / 7P
   Normally open (1-Form-A)
TLP3316 TOSHIBA-TLP3316 Datasheet
213Kb / 7P
   Photocouplers Photorelay
2020-02-19 Rev.4.0
TLP3317 TOSHIBA-TLP3317 Datasheet
198Kb / 7P
   OFF-state output terminal voltage - 80 V (min)
More results

Similar Description - TLP3312

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3230 TOSHIBA-TLP3230_14 Datasheet
273Kb / 7P
   Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP3231 TOSHIBA-TLP3231_14 Datasheet
273Kb / 7P
   Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3250 TOSHIBA-TLP3250_14 Datasheet
281Kb / 7P
   Measurement Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
TLP209D TOSHIBA-TLP209D_14 Datasheet
156Kb / 4P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3115 TOSHIBA-TLP3115_14 Datasheet
192Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3113 TOSHIBA-TLP3113 Datasheet
156Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS MEMORY TESTERS BOARD TESTERS SCANNERS
TLP3230 TOSHIBA-TLP3230 Datasheet
199Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3111 TOSHIBA-TLP3111_14 Datasheet
198Kb / 6P
   Measurement Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com