Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP3315 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP3315
Description  Normally open (1-Form-A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3315 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP3315 Datasheet HTML 1Page - Toshiba Semiconductor TLP3315 Datasheet HTML 2Page - Toshiba Semiconductor TLP3315 Datasheet HTML 3Page - Toshiba Semiconductor TLP3315 Datasheet HTML 4Page - Toshiba Semiconductor TLP3315 Datasheet HTML 5Page - Toshiba Semiconductor TLP3315 Datasheet HTML 6Page - Toshiba Semiconductor TLP3315 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP3315
3
8.
8.
8.
8. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
LED
Detector
Characteristics
Input forward voltage
Input reverse current
Input capacitance
OFF-state current
Output capacitance
Symbol
VF
IR
Ct
IOFF
COFF
Note
Test Condition
IF = 10 mA
VR = 5 V
V = 0 V, f = 1 MHz
VOFF = 40 V
V = 0 V, f = 100 MHz, t < 1s
Min
1.0
Typ.
1.15
15
10
Max
1.3
10
1
14
Unit
V
µA
pF
nA
pF
9.
9.
9.
9. Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, T
Coupled Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Trigger LED current
Return LED current
ON-state resistance
Symbol
IFT
IFC
RON
Note
Test Condition
ION = 100 mA
IOFF = 10 µA
ION = 300 mA, IF = 5 mA, t < 1 s
Min
0.1
Typ.
0.6
1.0
Max
3
1.5
Unit
mA
10.
10.
10.
10. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 1 min
AC, 1s in oil
DC, 1 min, in oil
Min
5 × 1010
500
Typ.
0.4
1014
1000
1000
Max
Unit
pF
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1 and 2 are shorted together, and pins 3 and 4 are
shorted together.
11.
11.
11.
11. Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Turn-on time
Turn-off time
Symbol
tON
tOFF
Note
Test Condition
See Fig. 11.1.
RL = 200 Ω, VDD = 20 V, IF = 5 mA
Min
Typ.
200
200
Max
500
300
Unit
µs
Fig.
Fig.
Fig.
Fig. 11.1
11.1
11.1
11.1 Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
Switching Time Test Circuit
2013-09-18
Rev.1.0


Similar Part No. - TLP3315

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP331 TOSHIBA-TLP331 Datasheet
192Kb / 8P
   Office Machine Household Use Equipment Programmable Controllers AC / DC-Input Module Telecommunication
TLP331 TOSHIBA-TLP331 Datasheet
193Kb / 8P
   GaAs Ired & Photo−Transistor
TLP3312 TOSHIBA-TLP3312 Datasheet
251Kb / 8P
   Battery Control Measuring Instruments Logic IC Testers / Memory Testers
TLP3316 TOSHIBA-TLP3316 Datasheet
213Kb / 7P
   Photocouplers Photorelay
2020-02-19 Rev.4.0
TLP3317 TOSHIBA-TLP3317 Datasheet
198Kb / 7P
   OFF-state output terminal voltage - 80 V (min)
More results

Similar Description - TLP3315

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP220D TOSHIBA-TLP220D Datasheet
169Kb / 8P
   Normally open (1-Form-A)
TLP220G TOSHIBA-TLP220G Datasheet
166Kb / 8P
   Normally open (1-Form-A)
TLP3306 TOSHIBA-TLP3306 Datasheet
176Kb / 7P
   Normally open (1-Form-A)
TLP3319 TOSHIBA-TLP3319 Datasheet
202Kb / 7P
   Normally open (1-Form-A)
logo
Vishay Siliconix
LH1546AE VISHAY-LH1546AE Datasheet
146Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
Rev. 2.1, 29-Sep-2020
LH1540AAB VISHAY-LH1540AAB_V02 Datasheet
205Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
LH1525AT VISHAY-LH1525AT_V02 Datasheet
169Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
LH1518AAB VISHAY-LH1518AAB_V01 Datasheet
196Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1546ADF VISHAY-LH1546ADF_V01 Datasheet
200Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1546AT VISHAY-LH1546AT_V01 Datasheet
167Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com