Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX29500U-5.0 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX29500U-5.0
Description  5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29500U-5.0 Datasheet(HTML) 4 Page - Sipex Corporation

  SPX29500U-5.0 Datasheet HTML 1Page - Sipex Corporation SPX29500U-5.0 Datasheet HTML 2Page - Sipex Corporation SPX29500U-5.0 Datasheet HTML 3Page - Sipex Corporation SPX29500U-5.0 Datasheet HTML 4Page - Sipex Corporation SPX29500U-5.0 Datasheet HTML 5Page - Sipex Corporation SPX29500U-5.0 Datasheet HTML 6Page - Sipex Corporation SPX29500U-5.0 Datasheet HTML 7Page - Sipex Corporation SPX29500U-5.0 Datasheet HTML 8Page - Sipex Corporation SPX29500U-5.0 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Rev:A Date: 3/8/04
SPX29500/01/02/03 5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
4
VOUT (AC)
IOUT (2A/DIV)
VOUT (AC)
VIN
Reference
Thermal
Shutdown
EN
IN
OUT
ADJ
GND
O.V
I
LIMIT
20V
R1*
R2*
1.180V
1.240V
+
+
--
FLAG
FUNCTIONAL DIAGRAM
TYPICAL PERFORMANCE CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
110
120
01
234
5
Output Current (A)
Figure 3. Ground Current (mA) vs. Output Current (A)
Figure 4. Dropout (mV) vs. Output Current (A)
600
550
500
450
400
350
300
250
200
150
100
50
0
123
4
5
6
Output Current (A)
Figure 5. Load Transient (V
IN=4V, VO=3.3V, COUT=22µF,
10mA~5A)
Figure 6. Line Transient (C
OUT=22µF, IO=10mA)


Similar Part No. - SPX29500U-5.0

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX29500U-L-1-8 EXAR-SPX29500U-L-1-8 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX29500U-L-2-5 EXAR-SPX29500U-L-2-5 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX29500U-L-3-3 EXAR-SPX29500U-L-3-3 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX29500U-L-5-0 EXAR-SPX29500U-L-5-0 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
More results

Similar Description - SPX29500U-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Sipex Corporation
SPX1585AT-L SIPEX-SPX1585AT-L Datasheet
213Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
207Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1084 SIPEX-SPX1084 Datasheet
165Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
logo
Sipex Corporation
SPX1581 SIPEX-SPX1581 Datasheet
81Kb / 7P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581 SIPEX-SPX1581 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com