Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1485E Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP1485E
Description  Enhanced Low Power Half-Duplex RS-485 Transceivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1485E Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP1485E Datasheet HTML 3Page - Sipex Corporation SP1485E Datasheet HTML 4Page - Sipex Corporation SP1485E Datasheet HTML 5Page - Sipex Corporation SP1485E Datasheet HTML 6Page - Sipex Corporation SP1485E Datasheet HTML 7Page - Sipex Corporation SP1485E Datasheet HTML 8Page - Sipex Corporation SP1485E Datasheet HTML 9Page - Sipex Corporation SP1485E Datasheet HTML 10Page - Sipex Corporation SP1485E Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
Rev:C Date: 02/26/04
SP1485E Low Power Half-Duplex RS485 Transceivers
© Copyright 2004 Sipex Corporation
ORDERING INFORMATION
Model
Temperature Range
Package
SP1485ECN ..................................................... 0˚C to +70˚C ............................................... 8-pin Narrow SOIC
SP1485ECP ...................................................... 0˚C to +70˚C ................................................... 8-pin Plastic DIP
SP1485EEN .................................................... -40˚C to +85˚C ............................................. 8-pin Narrow SOIC
SP1485EEP .................................................... -40˚C to +85˚C ................................................. 8-pin Plastic DIP
SP1485EMN .................................................. -40˚C to +125˚C ............................................ 8-pin Narrow SOIC
Please consult the factory for pricing and availability on a Tape-On-Reel option.
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
DATE
REVISION
DESCRIPTION
11/11/03
A
Implemented tracking revision.
12/18/03
B
Added Driver and Receiver TPLH/TPHL AC Characteristics.
02/26/04
C
Changed Driver Input to Output values from 20ns (typ), 30ns (max) to
30ns (typ), 40ns (max). Changed Receiver Input to Output values from
25ns (typ), 70ns (max) to 40ns (typ), 50ns (max) .
REVISION HISTORY


Similar Part No. - SP1485E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP1485E EXAR-SP1485E Datasheet
576Kb / 10P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1485ECN-L EXAR-SP1485ECN-L Datasheet
576Kb / 10P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1485ECN-L/TR EXAR-SP1485ECN-L/TR Datasheet
576Kb / 10P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1485EEN-L EXAR-SP1485EEN-L Datasheet
576Kb / 10P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1485EEN-L/TR EXAR-SP1485EEN-L/TR Datasheet
576Kb / 10P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
More results

Similar Description - SP1485E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP481E SIPEX-SP481E Datasheet
519Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP481E EXAR-SP481E Datasheet
618Kb / 12P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481E SIPEX-SP481E_07 Datasheet
712Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E Datasheet
100Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP1481E EXAR-SP1481E Datasheet
576Kb / 10P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1481E SIPEX-SP1481E Datasheet
73Kb / 11P
   짹15kV Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com