Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGX-011086 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-011086
Description  GaN Wideband Transistor 28 V, 4 W
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-011086 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button MAGX-011086 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-011086 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-011086 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-011086 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-011086 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAGX-011086 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAGX-011086 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAGX-011086 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAGX-011086 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
GaN Wideband Transistor 28 V, 4 W
DC - 6 GHz
Rev. V1
MAGX-011086
9
99
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2-Tone IMD vs. Output Power
2-Tone IMD3 vs. Output Power vs. Quiescent Current
2-Tone Gain vs. Output Power vs. Quiescent Current
Typical 2-Tone Performance as measured in the 5.8 GHz evaluation board:
1 MHz Tone Spacing, VDS = 28 V, IDQ = 50 mA, TA = 25°C (unless noted)
-60
-50
-40
-30
-20
-10
0.1
1
10
-IMD3
+IMD3
-IMD5
+IMD5
-IMD7
+IMD7
P
OUT (W-PEP)
7
8
9
10
11
12
0.1
1
10
13mA
25mA
38mA
50mA
75mA
P
OUT (W-PEP)
-45
-40
-35
-30
-25
-20
-15
-10
0.1
1
10
13mA
25mA
38mA
50mA
75mA
P
OUT (W-PEP)


Similar Part No. - MAGX-011086

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGx-011086 MA-COM-MAGx-011086 Datasheet
12Mb / 9P
   Next generation high power RF semiconductor technology
MAGX-011086-V1A MA-COM-MAGX-011086-V1A Datasheet
972Kb / 4P
   GaN Wideband Transistor 28 V
More results

Similar Description - MAGX-011086

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-011086-V1A MA-COM-MAGX-011086-V1A Datasheet
972Kb / 4P
   GaN Wideband Transistor 28 V
NPT1015B MA-COM-NPT1015B Datasheet
1Mb / 12P
   GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
NPA1006 MA-COM-NPA1006 Datasheet
1Mb / 13P
   GaN Wideband Power Amplifier, 28 V, 12.5 W
NPT2020 MA-COM-NPT2020_15 Datasheet
1Mb / 13P
   GaN Wideband Transistor 48 V, 50 W
NPT2022 MA-COM-NPT2022_14 Datasheet
1Mb / 11P
   GaN Wideband Transistor 48 V, 100 W
logo
Qorvo, Inc
TGF2933 QORVO-TGF2933 Datasheet
4Mb / 24P
   DC ??25 GHz, 28 V, 7 W GaN RF Transistor
T2G6001528-Q3 QORVO-T2G6001528-Q3_V01 Datasheet
2Mb / 16P
   18 W, 28 V, DC – 6.0 GHz, GaN Power Transistor
December 2021
TGF2934 QORVO-TGF2934 Datasheet
3Mb / 24P
   DC ??25 GHz, 28 V, 14 W GaN RF Transistor
logo
WOLFSPEED, INC.
CG2H40025 WOLFSPEED-CG2H40025 Datasheet
3Mb / 14P
   25 W, 28 V RF Power GaN HEMT
Rev. 1.5, 2022-10-14
CG2H40120F WOLFSPEED-CG2H40120F Datasheet
1Mb / 11P
   120 W, 28 V, RF Power GaN HEMT
Rev. 2.0, 2022-6-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com