Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2670 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2670
Description  DUAL H BRIDGE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2670 Datasheet(HTML) 5 Page - New Japan Radio

  NJM2670 Datasheet HTML 1Page - New Japan Radio NJM2670 Datasheet HTML 2Page - New Japan Radio NJM2670 Datasheet HTML 3Page - New Japan Radio NJM2670 Datasheet HTML 4Page - New Japan Radio NJM2670 Datasheet HTML 5Page - New Japan Radio NJM2670 Datasheet HTML 6Page - New Japan Radio NJM2670 Datasheet HTML 7Page - New Japan Radio NJM2670 Datasheet HTML 8Page - New Japan Radio NJM2670 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NJM2670
- 5 -
TYPICAL APPLICATION
1). Bipolar Stepper Motor
2). Single Phase DC Motor
INA1
TSD
INA2
ENABLE A
INB1
INB2
ENABLE B
VS A
VS B
SENSE A
TSD ARM
OUTA1
OUTA2
OUTB2
OUTB1
SENSE B
VMM (4 ∼ 55V)
VCC
VCC
Motor
Motor
GND
(VMMGND)
INA1
TSD
INA2
ENABLE A
INB1
INB2
ENABLE B
VS A
VS B
SENSE A
TSD ARM
OUTA1
OUTA2
OUTB2
OUTB1
SENSE B
VMM (4 ∼ 55V)
VCC
VCC
(VMMGND)
GND
Motor
CPU
or
Microprocessor
CPU
or
Microprocessor


Similar Part No. - NJM2670

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2675 NJRC-NJM2675 Datasheet
300Kb / 8P
   H BRIDGE DRIVER
More results

Similar Description - NJM2670

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver
logo
Rohm
BD6735FV ROHM-BD6735FV_15 Datasheet
1Mb / 16P
   Dual H-Bridge Driver
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
   DUAL H-BRIDGE DRIVER IC
logo
Texas Instruments
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
[Old version datasheet]   Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
[Old version datasheet]   Dual H-Bridge Motor Driver
logo
Toshiba Semiconductor
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
   DUAL H-BRIDGE DRIVER IC
2017-04-10
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
NCV7702B ONSEMI-NCV7702B_07 Datasheet
113Kb / 9P
   1A Dual H-Bridge Driver
October, 2007 - Rev. 1
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
   Dual H-Bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
[Old version datasheet]   Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com