Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMX-011021-TR3000 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAMX-011021-TR3000
Description  High Linearity Mixer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMX-011021-TR3000 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAMX-011021-TR3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMX-011021-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMX-011021-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMX-011021-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMX-011021-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAMX-011021-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAMX-011021-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAMX-011021-TR3000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
High Linearity Mixer
5 - 35 GHz
Rev. V1
MAMX-011021
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Typical Performance Curves: Down Conversion,
RF = -20 dBm, LO = 14 dBm, IF = 2 GHz, VG = open, ZO = 50 Ω, (unless otherwise noted)
Isolation
Conversion Gain (down)
Input IP3
Conversion Gain (up)
Gain vs. IF Frequency
Input P1dB
-20
-15
-10
-5
0
0
10
20
30
40
+25°C
-40°C
+85°C
Frequency (GHz)
0
10
20
30
40
0
10
20
30
40
+25°C
-40°C
+85°C
Frequency (GHz)
-20
-15
-10
-5
0
0
10
20
30
40
+25°C
-40°C
+85°C
Frequency (GHz)
0
5
10
15
20
0
10
20
30
40
+25°C
-40°C
+85°C
Frequency (GHz)
-60
-45
-30
-15
0
0
10
20
30
40
LO - IF
LO - RF
Frequency (GHz)
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
LO - 5 GHz
LO - 12 GHz
LO - 20 GHz
IF Frequency (GHz)


Similar Part No. - MAMX-011021-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMX-011023 MA-COM-MAMX-011023 Datasheet
1Mb / 10P
   Low Noise Active Mixer
MAMX-011023-SMB MA-COM-MAMX-011023-SMB Datasheet
1Mb / 10P
   Low Noise Active Mixer
MAMX-011023-TR3000 MA-COM-MAMX-011023-TR3000 Datasheet
1Mb / 10P
   Low Noise Active Mixer
More results

Similar Description - MAMX-011021-TR3000

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
   3500MHz High Linearity Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
   900MHz High Linearity Mixer
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
   8500MHz High Linearity Mixer
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
   900Mhz High Linearity Mixer
logo
AVAGO TECHNOLOGIES LIMI...
IAM-92516 AVAGO-IAM-92516 Datasheet
202Kb / 7P
   High Linearity GaAs FET Mixer
logo
Agilent(Hewlett-Packard...
IAM-93516 HP-IAM-93516 Datasheet
144Kb / 10P
   High Linearity Integrated GaAs Mixer
logo
AVAGO TECHNOLOGIES LIMI...
IAM-93516 AVAGO-IAM-93516 Datasheet
209Kb / 10P
   High Linearity Integrated GaAs Mixer
logo
List of Unclassifed Man...
SPM-1045 ETC1-SPM-1045 Datasheet
246Kb / 8P
   High Linearity Passive FET Mixer
logo
Linear Technology
LT5521 LINER-LT5521 Datasheet
269Kb / 16P
   Very High Linearity Active Mixer
logo
Stanford Microdevices
SPM-2045 STANFORD-SPM-2045 Datasheet
195Kb / 9P
   High Linearity Passive FET Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com