Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMX-011023-TR3000 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAMX-011023-TR3000
Description  Low Noise Active Mixer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMX-011023-TR3000 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAMX-011023-TR3000 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMX-011023-TR3000 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMX-011023-TR3000 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMX-011023-TR3000 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMX-011023-TR3000 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAMX-011023-TR3000 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAMX-011023-TR3000 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAMX-011023-TR3000 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAMX-011023-TR3000 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Low Noise Active Mixer
4 - 23 GHz
Rev. V2
MAMX-011023
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = +25°C, VD = 3.0 V, VG = 0.6 V, Z0 = 50 Ω,
IF Freq. = 2 GHz, LO Drive = -2 dBm @ 10 GHz , RF Freq. = 12 GHz
Absolute Maximum Ratings5,6
Parameter
Absolute Maximum
Total Input Power (RF+LO)
15 dBm
Drain Voltage
4 V / 35 mA
Gate Voltage
1.5 V
Junction Temperature7
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. MACOM does not recommend sustained operation near these
survivability limits.
7. Operating at nominal conditions with TJ ≤ +150°C will ensure
MTTF > 1 x 106 hours.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
6 GHz
12 GHz
20 GHz
dB
7
4
9
3
Noise Figure
6 GHz
12 GHz
20 GHz
dB
8
7
10
RF Return Loss
5 - 25 GHz
dB
8
IF Return Loss
DC - 8 GHz
dB
2
Input IP3
Lower Sideband
Upper Sideband
dBm
+5
+8
LO Isolation
LO to IF
2LO to IF
3LO to IF
dB
13
85
100
Bias Current
VD
mA
15
Bias Current
VG
mA
0.5
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
Class 1A (HBM) devices.


Similar Part No. - MAMX-011023-TR3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
MAMX-011021-SMB MA-COM-MAMX-011021-SMB Datasheet
987Kb / 8P
   High Linearity Mixer
MAMX-011021-TR1000 MA-COM-MAMX-011021-TR1000 Datasheet
987Kb / 8P
   High Linearity Mixer
MAMX-011021-TR3000 MA-COM-MAMX-011021-TR3000 Datasheet
987Kb / 8P
   High Linearity Mixer
More results

Similar Description - MAMX-011023-TR3000

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1228 AKM-AK1228 Datasheet
1,018Kb / 26P
   Low Noise Mixer
logo
Mini-Circuits
MACA-63H MINI-MACA-63H Datasheet
358Kb / 2P
   Active Mixer
MACA-242H MINI-MACA-242H Datasheet
340Kb / 2P
   Active Mixer
MAX-19H MINI-MAX-19H Datasheet
81Kb / 1P
   Active Mixer
MAX-9H MINI-MAX-9H Datasheet
82Kb / 1P
   Active Mixer
UNCL-L1H MINI-UNCL-L1H Datasheet
233Kb / 2P
   Active Mixer
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600 Datasheet
430Kb / 16P
   Low-Noise Amplifier/Mixer
May 1999
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
   900MHz Low Noise Mixer
logo
RF Micro Devices
RF2411 RFMD-RF2411_06 Datasheet
333Kb / 14P
   LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411_1 Datasheet
441Kb / 14P
   LOW NOISE AMPLIFIER/MIXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com