Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7287A Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU7287A
Description  Battery Backup Switching IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7287A Datasheet(HTML) 4 Page - New Japan Radio

  NJU7287A Datasheet HTML 1Page - New Japan Radio NJU7287A Datasheet HTML 2Page - New Japan Radio NJU7287A Datasheet HTML 3Page - New Japan Radio NJU7287A Datasheet HTML 4Page - New Japan Radio NJU7287A Datasheet HTML 5Page - New Japan Radio NJU7287A Datasheet HTML 6Page - New Japan Radio NJU7287A Datasheet HTML 7Page - New Japan Radio NJU7287A Datasheet HTML 8Page - New Japan Radio NJU7287A Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NJU7287
- 4 -
Ver.2012-07-18
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
RESET
———————
Voltage Detector
Detection Voltage 2
-VDET2
VOUTVoltage Detection
1.960
2.000
2.040
V
Release Voltage 2
+VDET2
2.046
2.096
2.146
V
Release Delay Time
TDELAY
200
500
-
µs
Average Temperature
Coefficient of Detection
Voltage 2
VDET2/T
Ta=0
to +85°C
-
±
100
-
ppm/
°C
Output Current 2
ISINK2
VDS=0.5V, VIN=VBAT=2.0V
1.50
2.30
-
mA
Leak Current 2
ILEAK2
VDS=9V, VIN=9V
-
-
0.1
µA
Operation Voltage 2
VOPR2
VINor VBAT
1.7
-
9.0
V
Switch Control
Switch Voltage
VSW1
VBAT=2.8V,
VIN Voltage Detection
+VDET1
x 0.83
+VDET1
x 0.85
+VDET1
x 0.87
V
CS Output Inhibit Voltage
VSW2
VBAT=3.0V,
VOUT Voltage Detection
VOUT
x 0.93
VOUT
x 0.95
VOUT
x 0.97
V
VBAT Switch Leak Current
ILEAK
VIN=3.6V, VBAT=0V
-
-
0.1
µA
VBAT Switch Resistance
RSW
VIN=OPEN, VBAT=3.0V
-
30
60
Average Temperature
Coefficient of Switch
Voltage
VSW1/T
Ta=0
to +85°C
-
±
100
-
ppm/
°C
Average Temperature
Coefficient of CS Output
Inhibit Voltage
VSW2/T
Ta=0
to +85°C
-
±
100
-
ppm/
°C
CAUTION ON USE
Make a power supply line thick and short to reduce impedance. Particularly, VIN line that flows output current needs
to cautions.
IRO or IOUT should be set 10µA or more to prevent the output voltage rises and a load regulation becomes unstable.
Pay attention to overshoot of regulator to prevent exceed rating of IC and/or capacitors connected to the NJU7287.
The output capacitors should surely connect between each output terminal, VIN, VOUT, VRO and VSS. Particularly, the
output capacitor connected to the VOUT terminal should use 10µF or more to avoid drop the output voltage when
switch the VOUT output from REG2 to VBAT.
External parts should connect as closer as possible to the NJU7287.
The output capacitor should connect to the VOUT terminal to prevent RESET
———————
voltage detector becomes active and
sequence will switch to special sequence causing undershoot.
If VIN falls down to 0V, application circuit should design to falling time of VIN is 10ms or more to prevent RESET
———————
output becomes "L".
Power dissipation should not exceeded.


Similar Part No. - NJU7287A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
NJU7286A NJRC-NJU7286A Datasheet
296Kb / 17P
   Battery Backup Switching IC
NJU7286B NJRC-NJU7286B Datasheet
296Kb / 17P
   Battery Backup Switching IC
NJU7286C NJRC-NJU7286C Datasheet
296Kb / 17P
   Battery Backup Switching IC
NJU7286D NJRC-NJU7286D Datasheet
296Kb / 17P
   Battery Backup Switching IC
More results

Similar Description - NJU7287A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
logo
Seiko Instruments Inc
S8424A SII-S8424A Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S8426A SII-S8426A Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com