Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7296F1-A Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU7296F1-A
Description  SYSTEM RESET IC WITH DELAY CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7296F1-A Datasheet(HTML) 2 Page - New Japan Radio

  NJU7296F1-A Datasheet HTML 1Page - New Japan Radio NJU7296F1-A Datasheet HTML 2Page - New Japan Radio NJU7296F1-A Datasheet HTML 3Page - New Japan Radio NJU7296F1-A Datasheet HTML 4Page - New Japan Radio NJU7296F1-A Datasheet HTML 5Page - New Japan Radio NJU7296F1-A Datasheet HTML 6Page - New Japan Radio NJU7296F1-A Datasheet HTML 7Page - New Japan Radio NJU7296F1-A Datasheet HTML 8Page - New Japan Radio NJU7296F1-A Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NJU7296
- 2 -
Ver.2016-01-07
■ BLOCK DIAGRAM
■ PRODUCT CLASSFICATION
Device Name
Version
Delay Time1(Typ.) Delay Time2(Typ.)
NJU7296F1-A
A
1.25ms
10ms
NJU7296F1-B
B
10ms
20ms
NJU7296F1-C
C
10ms
10ms
NJU7296F1-D
D
30 s
10ms
■ ABSOLUTE MAXIMUM RATINGS
(Ta=25 C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
+7
V
Input Voltage
VIN
VSS-0.3 to +7
V
Output Voltage
VOUT
VSS-0.3 to VDD+0.3
V
HYS Pin Voltage
VHYS
VSS-0.3 to VDD+0.3
V
EXT Pin Input Voltage
VEXT
VSS-0.3 to VDD+0.3
V
Output Current
IOUT
50
mA
HYS Pin Current
IHYS
10
mA
Power Dissipation
PD
SOT-23-6-1
410(*1)
mW
580(*2)
Surge Current
IIN_SRG
±2.5(*3)
mA
Operating Temperature
Topr
-40 to +105
C
Storage Temperature
Tstg
-40 to +125
C
(*1): Mounted on glass epoxy board. (76.2 114.3 1.6mm: based on EIA/JDEC standard, 2Layers)
(*2): Mounted on glass epoxy board. (76.2 114.3 1.6mm:based on EIA/JDEC standard, 4Layers), internal Cu area: 74.2 74.2mm
(*3): Permissible current range there is no logical error in VOUT and no destruction
V
OUT
Delay
Circuit
HYS
V
IN
V
SS
EXT
V
DD


Similar Part No. - NJU7296F1-A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
NJU7295 NJRC-NJU7295 Datasheet
357Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
NJU7295F1-A NJRC-NJU7295F1-A Datasheet
357Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
NJU7295F1-A-T NJRC-NJU7295F1-A-T Datasheet
357Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
NJU7295F1-B NJRC-NJU7295F1-B Datasheet
357Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
More results

Similar Description - NJU7296F1-A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7295 NJRC-NJU7295 Datasheet
357Kb / 10P
   SYSTEM RESET IC WITH DELAY CIRCUIT
logo
Mitsumi Electronics, Co...
PST89XA MITSUMI-PST89XA Datasheet
198Kb / 14P
   System Reset IC with delay
PST89XB MITSUMI-PST89XB Datasheet
144Kb / 17P
   System Reset IC with delay
IC-PST83XX MITSUMI-IC-PST83XX Datasheet
195Kb / 20P
   CMOS System Reset IC with Delay Time Circuit
IC-PST596 MITSUMI-IC-PST596 Datasheet
131Kb / 5P
   System Reset with Delay Time Circuit
PST803 MITSUMI-PST803 Datasheet
108Kb / 11P
   System Reset IC built-in delay time circuit
PST87XX MITSUMI-PST87XX Datasheet
97Kb / 15P
   CMOS System Reset IC built-in delay time circuit
logo
EM Microelectronic - MA...
EM6353 EMMICRO-EM6353 Datasheet
423Kb / 7P
   Reset Circuit with Fixed Delay
EM6354 EMMICRO-EM6354 Datasheet
400Kb / 7P
   Reset Circuit with Adjustable Delay
logo
AiT Semiconductor Inc.
A4809C AITSEMI-A4809C Datasheet
503Kb / 8P
   SUPERVISOR (RESET IC) VOLTAGE DETECTORS WITH DELAY CIRCUIT BUILT-IN
REV1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com