Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1481EMN Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP1481EMN
Description  짹15kV Enhanced Low Power Half-Duplex RS-485 Transceivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1481EMN Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP1481EMN Datasheet HTML 3Page - Sipex Corporation SP1481EMN Datasheet HTML 4Page - Sipex Corporation SP1481EMN Datasheet HTML 5Page - Sipex Corporation SP1481EMN Datasheet HTML 6Page - Sipex Corporation SP1481EMN Datasheet HTML 7Page - Sipex Corporation SP1481EMN Datasheet HTML 8Page - Sipex Corporation SP1481EMN Datasheet HTML 9Page - Sipex Corporation SP1481EMN Datasheet HTML 10Page - Sipex Corporation SP1481EMN Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Rev:B Date: 02/26/04
SP1481E Low Power Half-Duplex RS485 Transceivers
© Copyright 2004 Sipex Corporation
D
ALTERNATE
END PINS
(BOTH ENDS)
D1 = 0.005" min.
(0.127 min.)
E
PACKAGE: PLASTIC
DUAL–IN–LINE
(NARROW)
DIMENSIONS (Inches)
Minimum/Maximum
(mm)
A = 0.210" max.
(5.334 max).
E1
C
Ø
L
A2
A1 = 0.015" min.
(0.381min.)
B
B1
e = 0.100 BSC
(2.540 BSC)
eA = 0.300 BSC
(7.620 BSC)
A2
B
B1
C
D
E
E1
L
Ø
0.115/0.195
(2.921/4.953)
0.014/0.022
(0.356/0.559)
0.045/0.070
(1.143/1.778)
0.008/0.014
(0.203/0.356)
0.355/0.400
(9.017/10.160)
0.300/0.325
(7.620/8.255)
0.240/0.280
(6.096/7.112)
0.115/0.150
(2.921/3.810)
0°/ 15°
(0°/15°)
8–PIN


Similar Part No. - SP1481EMN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP1481E EXAR-SP1481E Datasheet
576Kb / 10P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1481ECN-L EXAR-SP1481ECN-L Datasheet
576Kb / 10P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1481ECN-L/TR EXAR-SP1481ECN-L/TR Datasheet
576Kb / 10P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
SP1481ECNL EXAR-SP1481ECNL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
SP1481EEN-L EXAR-SP1481EEN-L Datasheet
576Kb / 10P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
More results

Similar Description - SP1481EMN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP481E SIPEX-SP481E Datasheet
519Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP481E EXAR-SP481E Datasheet
618Kb / 12P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481E SIPEX-SP481E_07 Datasheet
712Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
SP481E SIPEX-SP481E Datasheet
100Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP1481E EXAR-SP1481E Datasheet
576Kb / 10P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP1485E SIPEX-SP1485E Datasheet
78Kb / 11P
   Enhanced Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com