Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2810U-3.0 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SPX2810U-3.0
Description  1A Low Dropout Positive Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2810U-3.0 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SPX2810U-3.0 Datasheet HTML 5Page - Sipex Corporation SPX2810U-3.0 Datasheet HTML 6Page - Sipex Corporation SPX2810U-3.0 Datasheet HTML 7Page - Sipex Corporation SPX2810U-3.0 Datasheet HTML 8Page - Sipex Corporation SPX2810U-3.0 Datasheet HTML 9Page - Sipex Corporation SPX2810U-3.0 Datasheet HTML 10Page - Sipex Corporation SPX2810U-3.0 Datasheet HTML 11Page - Sipex Corporation SPX2810U-3.0 Datasheet HTML 12Page - Sipex Corporation SPX2810U-3.0 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Date: 5/25/04
SPX2810 1A Low Dropout Linear Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 3 PIN TO-263
E
D
L1
b2
e
b
.160
-
.190
.000
-
.010
Dimensions in inches
3-PIN TO-263
JEDEC TO-263
(AA) Variation
.020
-
.039
.015
-
.029
.070
-
.110
-
-
-
A
A1
b
c
D
E
E1
L
L1
L2
MIN
NOM
MAX
e
.100 BSC
.066
-
.330
-
.380
D1
.270
-
-
.380
-
.420
.245
-
-
H
.575
-
.625
.070
L3
.010 BSC
12
3
c
C2
A
H
SEATING PLANE
L
0º-8º
See View C
E/2
View C
GAUGE PLANE
A1
SEATING
PLANE
c
WITH PLATING
BASE METAL
b
SECTION B-B
B
B
3 PIN TO-263


Similar Part No. - SPX2810U-3.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2810U-3.0 SIPEX-SPX2810U-3.0 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - SPX2810U-3.0

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122_10 Datasheet
206Kb / 11P
   1A LOW DROPOUT POSITIVE REGULATOR
DS31012 Rev. 9 - 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
   1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
   1A Low Dropout Positive Regulator
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
   1A Low Dropout Positive Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
   1A Low Dropout Positive Regulator
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com