Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAOC-009267-TR0500 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAOC-009267-TR0500
Description  Voltage Controlled Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAOC-009267-TR0500 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAOC-009267-TR0500 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAOC-009267-TR0500 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAOC-009267-TR0500 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAOC-009267-TR0500 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAOC-009267-TR0500 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Voltage Controlled Oscillator
11.2 – 12.6 GHz
Rev. V3
MAOC-009267
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
2
Electrical Specifications: TA = +25°C, VCC = VBUFFER = 5.0 V
3, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Output Power
RF Port, 11.2 - 12.6 GHz
RF/2 Port, 5.6 - 6.3 GHz
dBm
0
-2
4
2
SSB Phase Noise
VCC=VBUFFER=VTUNE=5V
RF Port, 10KHZ Offset
RF Port, 100KHZ Offset
dBc/Hz
-82
-112
Harmonics/Subharmonics
VCC=VBUFFER=VTUNE=5V
RF Port, 1/2 Fo
RF Port, 2 Fo
dBc
-18
-26
Pulling
(Sensitivity to Match)
VCC=VBUFFER=VTUNE=5V
RF Port, VSWR = 1.95:1 to 2.25:1
MHz pk-pk
7
Pushing
(Sensitivity to Supply Voltage)
RF Port, VTUNE = 5 V
RF/2 Port, VTUNE = 5 V
MHz/V
12
6
Frequency Drift Rate
(Sensitivity to Temperature)
RF Port, 11.2 - 12.6 GHz
RF/2 Port, 5.6 - 6.3 GHz
MHz/ºC
1
.5
Output Return Loss
RF Port, 11.2 - 12.6 GHz
RF/2 Port, 5.6 - 6.3 GHz
dB
3
6
Tuning Sensitivity @ RF Port
VTUNE = 5 V
GHz/V
0.21
Supply Current
I TOTAL (ICC + IBUFFER)
ICC
IBUFFER
mA
175
155
20
205
175
30
Tune Voltage
VTUNE
V
1
13
Tuning Current Leakage
VTUNE = 13 V
µA
5
10
Absolute Maximum Ratings 4,5,6
Parameter
Absolute Maximum
Supply Voltage
(VCC & VBUFFER)
+5.5 Vdc
VTUNE
0 to +15 Vdc
Storage Temperature
-55ºC to +150ºC
Operating Temperature
-40ºC to +85ºC
Case Temperature (TC)
(measured @ exposed pad)
+100ºC
Junction Temperature7
+135ºC
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. MACOM does not recommend sustained operation near these
survivability limits.
6. Operating at nominal conditions with TJ ≤ +135°C will ensure
MTBF > 2.5 x 106 hours.
7. Junction Temperature (TJ) = TC + Өjc * (V * I)
Typical thermal resistance (Өjc) = 35° C/W.
a) For TC = 25°C, TJ = 56°C @ 5 V, 175 mA
b) For TC = 85°C, TJ = 117°C @ 5 V, 180 mA
ESD Rating: Class 1A
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
3. VCO can operate over the 4.75 V to 5.25 V supply voltage range.


Similar Part No. - MAOC-009267-TR0500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAOC-009267-TR0500 MA-COM-MAOC-009267-TR0500 Datasheet
297Kb / 5P
   Voltage Controlled Oscillator
More results

Similar Description - MAOC-009267-TR0500

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com