Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC130 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC130
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC130 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC130 Datasheet HTML 1Page - Hittite Microwave Corporation HMC130 Datasheet HTML 2Page - Hittite Microwave Corporation HMC130 Datasheet HTML 3Page - Hittite Microwave Corporation HMC130 Datasheet HTML 4Page - Hittite Microwave Corporation HMC130 Datasheet HTML 5Page - Hittite Microwave Corporation HMC130 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
5 - 16
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
5
Input IP3 vs. LO Drive
Input IP2 vs. LO Drive
Input IP3 vs. Temperature
@ LO = +15 dBm
v02.0802
HMC130
GaAs MMIC DOUBLE-BALANCED
MIXER, 6 - 11 GHz
Input P1dB vs. Temperature
@ LO = +15 dBm
Input IP2 vs. Temperature
@ LO = +15 dBm
10
15
20
25
30
5
6
7
8
9
10
11
12
13
+11 dBm
+ 13 dBm
+ 15 dBm
FREQUENCY (GHz)
10
15
20
25
30
4
5
6
7
8
9
10
11
12
13
+ 25 C
+ 85 C
- 55 C
FREQUENCY (GHz)
40
45
50
55
60
65
70
75
80
56789
10
11
12
13
+ 11 dBm
+ 13 dBm
+ 15 dBm
FREQUENCY (GHz)
40
45
50
55
60
65
70
75
80
56789
10
11
12
13
+ 25 C
+ 85 C
- 55 C
FREQUENCY (GHz)
8
9
10
11
12
13
6
7
8
9
10
11
12
13
+ 25 C
+ 85 C
- 55 C
FREQUENCY (GHz)


Similar Part No. - HMC130

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC130 HITTITE-HMC130 Datasheet
196Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC130 HITTITE-HMC130 Datasheet
181Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
logo
Micross Components
HMC130 MICROSS-HMC130 Datasheet
842Kb / 9P
   Die handling consultancy
logo
Hittite Microwave Corpo...
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC130 HITTITE-HMC130_09 Datasheet
196Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
More results

Similar Description - HMC130

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC130 HITTITE-HMC130_09 Datasheet
196Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
logo
Tyco Electronics
MA4EX1201-1300T MACOM-MA4EX1201-1300T Datasheet
332Kb / 3P
   GaAs MMIC Double Balanced 11-15 GHz Mixer
logo
Hittite Microwave Corpo...
HMC144LH5 HITTITE-HMC144LH5 Datasheet
263Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC144LH5 HITTITE-HMC144LH5_08 Datasheet
195Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC144LC4 HITTITE-HMC144LC4_09 Datasheet
201Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC141 HITTITE-HMC141 Datasheet
121Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC144LC4 HITTITE-HMC144LC4 Datasheet
281Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC142 HITTITE-HMC142 Datasheet
121Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com