Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX29501U5-5.0 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX29501U5-5.0
Description  5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX29501U5-5.0 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SPX29501U5-5.0 Datasheet HTML 2Page - Sipex Corporation SPX29501U5-5.0 Datasheet HTML 3Page - Sipex Corporation SPX29501U5-5.0 Datasheet HTML 4Page - Sipex Corporation SPX29501U5-5.0 Datasheet HTML 5Page - Sipex Corporation SPX29501U5-5.0 Datasheet HTML 6Page - Sipex Corporation SPX29501U5-5.0 Datasheet HTML 7Page - Sipex Corporation SPX29501U5-5.0 Datasheet HTML 8Page - Sipex Corporation SPX29501U5-5.0 Datasheet HTML 9Page - Sipex Corporation SPX29501U5-5.0 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Rev:A Date: 3/8/04
SPX29500/01/02/03 5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
6
PACKAGES
TO-263-3 Package (T)
VOUT
GND
V IN
Front View
12
3
TO-263-5 Package (T5)
Top View
45
3
2
1
Front View
TO-220-3 Package (U)
VIN
V OUT
GND
TO-220-5 Package (U5)
Top View
12 3 4 5
3
2
1
GND
ADJUST
1)
3)
4)
5)
2) INPUT
ENABLE
GND
ADJUST
1)
3)
4)
5)
2)INPUT
FLAG
OUTPUT
OUTPUT
SPX29502
SPX29503
OUTPUT
OUTPUT
GND
FLAG
1)
3)
4)
5)
2)INPUT
ENABLE
OUTPUT
GND
ADJUST
1)
3)
4)
5)
2) INPUT
ENABLE
GND
ADJUST
1)
3)
4)
5)
2)INPUT
FLAG
SPX29501
SPX29502
SPX29503
ENABLE
OUTPUT
GND
FLAG
1)
3)
4)
5)
2)INPUT
SPX29501
VIN
VOUT
1)
3)
2)GND
SPX29500
VIN
VOUT
1)
3)
2)GND
SPX29500
*Tab is internally connected to GND


Similar Part No. - SPX29501U5-5.0

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX29501U5-L-1-8 EXAR-SPX29501U5-L-1-8 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX29501U5-L-2-5 EXAR-SPX29501U5-L-2-5 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX29501U5-L-3-3 EXAR-SPX29501U5-L-3-3 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX29501U5-L-5-0 EXAR-SPX29501U5-L-5-0 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
More results

Similar Description - SPX29501U5-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Sipex Corporation
SPX1585AT-L SIPEX-SPX1585AT-L Datasheet
213Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
207Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1084 SIPEX-SPX1084 Datasheet
165Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
logo
Sipex Corporation
SPX1581 SIPEX-SPX1581 Datasheet
81Kb / 7P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581 SIPEX-SPX1581 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com