Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU62221 Datasheet(PDF) 4 Page - New Japan Radio

Part # NJU62221
Description  1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC with Input Tolerant Function
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU62221 Datasheet(HTML) 4 Page - New Japan Radio

  NJU62221 Datasheet HTML 1Page - New Japan Radio NJU62221 Datasheet HTML 2Page - New Japan Radio NJU62221 Datasheet HTML 3Page - New Japan Radio NJU62221 Datasheet HTML 4Page - New Japan Radio NJU62221 Datasheet HTML 5Page - New Japan Radio NJU62221 Datasheet HTML 6Page - New Japan Radio NJU62221 Datasheet HTML 7Page - New Japan Radio NJU62221 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2012/07/25 ( 4 / 8 )
NJU6221 Series
s
TERMINAL DESCRIPTION
SYMBOL
FUNCTION
CONT
Oscillation and 3-state Output Buffer Control
CONT
FOUT
H or OPEN
Output either one frequency selected of f0,
f0/2,f0/4,f0/8, f0/16, f0/32 and f0/64
Note1)
L
Oscillation Stop and High impedance Output
XTI
XTO
Quartz Crystal Connecting Terminals
VSS
VSS=0V : GND
FOUT
Frequency Output
VDD
VDD=1.62 to 3.63V
Note1) Refer to the line-up table.
s
ABSOLUTE MAXIMUM RATINGS
(VSS=0V, Ta=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VDD
-0.5 to +4.0
V
Input Voltage
VIN
-0.5 to +4.0
V
Output Voltage
VO
-0.5 to VDD+0.5
V
Input Current
IIN
±10
mA
Output Current
IO
±25
mA
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Note2) The input voltage must not over 4.0V because of limit specified.
Note3) Decupling capacitor should be connected between VDD and VSS due to the stabilized operation for the
circuit.
s
ELECTRICAL CHARACTERISTICS
(Ta=+25
°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VDD
fosc=60MHz
1.62
3.63
V
Input Voltage
VIN
CONT
0
3.63
V
Output Voltage
VOUT
FOUT
0
VDD
V
Output Frequency
Stability
df/f
VDD±10%
±1
ppm


Similar Part No. - NJU62221

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6229 NJRC-NJU6229 Datasheet
102Kb / 7P
   32.768kHz output Tuning fork Quartz Crystal Oscillator IC
More results

Similar Description - NJU62221

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6214 NJRC-NJU6214 Datasheet
137Kb / 7P
   Small-Sized 1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC
NJU6215 NJRC-NJU6215 Datasheet
111Kb / 7P
   Low Operating Current Fundamental Quartz Crystal Oscillator IC
NJU6363 NJRC-NJU6363 Datasheet
100Kb / 6P
   Fundamental Quartz Crystal Oscillator
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
   0.9V Operation Fundamental Quartz Crystal Oscillator IC
NJU6314 NJRC-NJU6314 Datasheet
108Kb / 6P
   High Frequency-Stability Fundamental Quartz Crystal Oscillator IC
NJU6369 NJRC-NJU6369 Datasheet
55Kb / 6P
   1.5V Operation Fundamental Quartz Crystal Oscillator
NJU6360 NJRC-NJU6360 Datasheet
46Kb / 5P
   High Drive Fundamental Quartz Crystal Oscillator
logo
Nippon Precision Circui...
SM5003 NPC-SM5003 Datasheet
58Kb / 8P
   Quartz Crystal Oscillator IC
SM5004 NPC-SM5004 Datasheet
58Kb / 8P
   Quartz Crystal Oscillator IC
SM5623N NPC-SM5623N Datasheet
159Kb / 8P
   Quartz Crystal Oscillator IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com