Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAOC-009872-001SMB Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAOC-009872-001SMB
Description  Voltage Controlled Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAOC-009872-001SMB Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAOC-009872-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAOC-009872-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAOC-009872-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAOC-009872-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAOC-009872-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Voltage Controlled Oscillator
11.0 – 11.8 GHz
Rev. V3
MAOC-009872
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
5
Sample Board
Component
Value
Case Size
C1
100 pF
0402
C2, C3, C4
0.1 µF
0402
C5
10 µF Tantalum
1206
Parts List
Reference Application Note S2083 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 3 requirements.
Plating is 100% matte tin over copper.
Lead-Free 5 mm 32-Lead PQFN
OC9872
YYWW
LLLLLL
NOTES:
1. Reference JEDEC MO-220-VHHD-5 for additional dimensional and tolerance information.
2. All dimensions shown as in/mm.
3. Reference S2083 application note for PCB footprint information.


Similar Part No. - MAOC-009872-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAOC-009872-SMB003 MA-COM-MAOC-009872-SMB003 Datasheet
250Kb / 5P
   Voltage Controlled Oscillator 11.0 - 11.8 GHz Low Phase Noise
MAOC-009872-TR0500 MA-COM-MAOC-009872-TR0500 Datasheet
250Kb / 5P
   Voltage Controlled Oscillator 11.0 - 11.8 GHz Low Phase Noise
MAOC-009872-TR1000 MA-COM-MAOC-009872-TR1000 Datasheet
250Kb / 5P
   Voltage Controlled Oscillator 11.0 - 11.8 GHz Low Phase Noise
More results

Similar Description - MAOC-009872-001SMB

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com