Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP220G Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP220G
Description  Normally open (1-Form-A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP220G Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP220G Datasheet HTML 1Page - Toshiba Semiconductor TLP220G Datasheet HTML 2Page - Toshiba Semiconductor TLP220G Datasheet HTML 3Page - Toshiba Semiconductor TLP220G Datasheet HTML 4Page - Toshiba Semiconductor TLP220G Datasheet HTML 5Page - Toshiba Semiconductor TLP220G Datasheet HTML 6Page - Toshiba Semiconductor TLP220G Datasheet HTML 7Page - Toshiba Semiconductor TLP220G Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TLP220G
7
Package Dimensions
Package Dimensions
Package Dimensions
Package Dimensions
Unit: mm
Weight: 0.26 g (typ.)
Package Name(s)
TOSHIBA: 11-5B2S
2013-02-04
Rev.4.0


Similar Part No. - TLP220G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2200 TOSHIBA-TLP2200 Datasheet
340Kb / 7P
   isolated buss driver high speed line receiver
TLP2200 TOSHIBA-TLP2200 Datasheet
195Kb / 7P
   High Speed Line Receiver
TLP2200 TOSHIBA-TLP2200_07 Datasheet
195Kb / 7P
   High Speed Line Receiver
TLP220A TOSHIBA-TLP220A Datasheet
165Kb / 8P
   Photocouplers Photorelay
TLP220D TOSHIBA-TLP220D Datasheet
169Kb / 8P
   Normally open (1-Form-A)
More results

Similar Description - TLP220G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP220D TOSHIBA-TLP220D Datasheet
169Kb / 8P
   Normally open (1-Form-A)
TLP3315 TOSHIBA-TLP3315 Datasheet
200Kb / 7P
   Normally open (1-Form-A)
TLP3306 TOSHIBA-TLP3306 Datasheet
176Kb / 7P
   Normally open (1-Form-A)
TLP3319 TOSHIBA-TLP3319 Datasheet
202Kb / 7P
   Normally open (1-Form-A)
logo
Vishay Siliconix
LH1546AE VISHAY-LH1546AE Datasheet
146Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
Rev. 2.1, 29-Sep-2020
LH1540AAB VISHAY-LH1540AAB_V02 Datasheet
205Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
LH1525AT VISHAY-LH1525AT_V02 Datasheet
169Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2023
LH1518AAB VISHAY-LH1518AAB_V01 Datasheet
196Kb / 10P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1546ADF VISHAY-LH1546ADF_V01 Datasheet
200Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
LH1546AT VISHAY-LH1546AT_V01 Datasheet
167Kb / 9P
   1 Form A Solid-State Relay (Normally Open)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com